Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43458A9828M003 Datasheet(PDF) 9 Page - EPCOS

Part # B43458A9828M003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43458A9828M003 Datasheet(HTML) 9 Page - EPCOS

Back Button B43458A9828M003 Datasheet HTML 5Page - EPCOS B43458A9828M003 Datasheet HTML 6Page - EPCOS B43458A9828M003 Datasheet HTML 7Page - EPCOS B43458A9828M003 Datasheet HTML 8Page - EPCOS B43458A9828M003 Datasheet HTML 9Page - EPCOS B43458A9828M003 Datasheet HTML 10Page - EPCOS B43458A9828M003 Datasheet HTML 11Page - EPCOS B43458A9828M003 Datasheet HTML 12Page - EPCOS B43458A9828M003 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
IAC,R(B)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
7 = for heat sink mounting - only capacitors with
diameter d
≥ 64.3 mm and without threaded
stud
VR = 350 V DC
1500
51.6
× 80.7
47
70
50
16
5.7
11
B4345*A4158M00#
2200
51.6
× 105.7
28
42
31
21
7.6
14
B4345*A4228M00#
3300
51.6
× 118.2
20
30
24
28
10
17
B4345*A4338M00#
3900
64.3
× 105.7
17
26
20
32
12
21
B4345*A4398M00#
4700
64.3
× 105.7
15
23
18
35
13
24
B4345*A4478M00#
5600
76.9
× 105.7
14
21
17
43
15
30
B4345*A4568M00#
6800
76.9
× 118.2
12
18
14
47
17
31
B4345*A4688M00#
8200
76.9
× 143.2
11
16
12
57
20
36
B4345*A4828M00#
10000
76.9
× 143.2
7
11
8
57
23
40
B4345*A4109M00#
12000
91.0
× 144.5
6
9
7
77
28
53
B4345*A4129M00#
15000
76.9
× 220.7
8
12
9
57
34
51
B4345*A4159M00#
18000
91.0
× 221.0
5
7
7
80
38
60
B4345*A4189M00#
VR = 400 V DC
1000
51.6
× 80.7
60
90
66
13
4.6
8.2
B4345*A9108M00#
1500
51.6
× 80.7
45
67
46
17
6.0
13
B4345*A9158M00#
2200
51.6
× 105.7
30
45
30
22
8.0
15
B4345*A9228M00#
2700
51.6
× 130.7
26
39
30
26
9.3
15
B4345*A9278M00#
3300
64.3
× 105.7
23
34
24
31
11
20
B4345*A9338M00#
4700
64.3
× 130.7
16
24
18
38
14
23
B4345*B9478M00#
4700
76.9
× 105.7
16
24
17
40
14
29
B4345*A9478M00#
5600
76.9
× 118.2
14
20
15
44
16
29
B4345*A9568M00#
6800
76.9
× 143.2
11
17
14
53
19
33
B4345*A9688M00#
8200
76.9
× 168.7
10
14
11
57
21
34
B4345*A9828M00#
10000
76.9
× 190.7
7
11
8
57
25
38
B4345*B9109M00#
10000
91.0
× 144.5
6
10
7
71
25
49
B4345*A9109M00#
12000
76.9
× 220.7
8
12
9
57
31
46
B4345*A9129M00#
15000
91.0
× 221.0
6
9
11
80
35
57
B4345*A9159M00#
B43456, B43458
Extremely compact
85
°C
Page 9 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43458A9828M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43458A9108M000 EPCOS-B43458A9108M000 Datasheet
181Kb / 9P
   Frequency converters
B43458A9109M000 EPCOS-B43458A9109M000 Datasheet
181Kb / 9P
   Frequency converters
B43458A9129M000 EPCOS-B43458A9129M000 Datasheet
181Kb / 9P
   Frequency converters
B43458A9158M000 EPCOS-B43458A9158M000 Datasheet
181Kb / 9P
   Frequency converters
B43458A9159M000 EPCOS-B43458A9159M000 Datasheet
181Kb / 9P
   Frequency converters
More results

Similar Description - B43458A9828M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com