Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43455B5828M003 Datasheet(PDF) 4 Page - EPCOS

Part # B43455B5828M003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43455B5828M003 Datasheet(HTML) 4 Page - EPCOS

  B43455B5828M003 Datasheet HTML 1Page - EPCOS B43455B5828M003 Datasheet HTML 2Page - EPCOS B43455B5828M003 Datasheet HTML 3Page - EPCOS B43455B5828M003 Datasheet HTML 4Page - EPCOS B43455B5828M003 Datasheet HTML 5Page - EPCOS B43455B5828M003 Datasheet HTML 6Page - EPCOS B43455B5828M003 Datasheet HTML 7Page - EPCOS B43455B5828M003 Datasheet HTML 8Page - EPCOS B43455B5828M003 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Capacitor diameter
51.6 mm
64.3 mm
76.9 mm
91 mm
IAC,max
34 A
45 A
57 A
80 A
Dimensional drawings
B43455
Ring clip/clamp mounting
B43457
Threaded stud mounting
The base of types with threaded stud and d = 91 mm is fully insulated (the lenghts I and l1 are
increased by 0.5 mm in these cases). For types with threaded stud and d
≤ 76 mm the base is not
insulated. Also refer to the mounting instructions in chapter "Capacitors with screw terminals
Accessories".
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
51.6 +0/ 0.8
51.6 +0/ 0.8
80.7
105.7
87.2
112.2
17
17
M12
M12
10.2
10.2
22.2
22.2
220
280
M5
M5
M5
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
80.7
105.7
143.2
87.2
112.2
149.7
17
17
17
M12
M12
M12
13.2
13.2
13.2
28.5
28.5
28.5
370
440
630
M6
M6
M6
M6
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
105.7
143.2
168.7
220.7
111.5
149.0
174.5
226.5
17
17
17
17
M12
M12
M12
M12
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
620
840
1000
1300
M6
M6
91.0 +0/ 2
91.0 +0/ 2
144.5
221.0
149.8
226.3
17
17
M12
M12
17.7
17.7
31.7
31.7
1200
1900
Dimensions are also valid for low-inductance design.
B43455, B43457
Long useful life
85
°C
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43455B5828M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43455B5108M000 EPCOS-B43455B5108M000 Datasheet
190Kb / 9P
   Uninterruptible power supplies
B43455B5228M000 EPCOS-B43455B5228M000 Datasheet
190Kb / 9P
   Uninterruptible power supplies
More results

Similar Description - B43455B5828M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com