Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1245ACPP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1245ACPP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACPP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1245ACPP Datasheet HTML 1Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 2Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 3Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX1245ACPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
________________General Description
The MAX1245 12-bit data-acquisition system combines
an 8-channel multiplexer, high-bandwidth track/hold, and
serial interface with high conversion speed and ultra-low
power consumption. It operates from a single +2.375V to
+3.3V supply, and its analog inputs are software config-
urable for unipolar/bipolar and single-ended/differential
operation.
The 4-wire serial interface directly connects to SPI™,
QSPI™, and MICROWIRE™ devices without external
logic. A serial strobe output allows direct connection to
TMS320-family digital signal processors. The MAX1245
works with an external reference, and uses either the
internal clock or an external serial-interface clock to
perform successive-approximation analog-to-digital
conversions.
This device provides a hard-wired SHDN pin and a
software-selectable power-down, and can be pro-
grammed to automatically shut down at the end of a
conversion. Accessing the serial interface powers up
the MAX1245, and the quick turn-on time allows it to be
shut down between conversions. This technique can
cut supply current to under 10µA at reduced sampling
rates.
The MAX1245 is available in a 20-pin DIP package and
an SSOP that occupies 30% less area than an 8-pin DIP.
For supply voltages from +2.7V to +5.25V, use the pin-
compatible MAX147.
________________________Applications
Portable Data Logging
Medical Instruments
Battery-Powered Instruments
Data Acquisition
____________________________Features
♦♦ Single +2.375V to +3.3V Operation
♦♦ 8-Channel Single-Ended or 4-Channel
Differential Analog Inputs
♦♦ Low Power: 0.8mA (100ksps)
10µA (1ksps)
1µA (power-down mode)
♦♦ Internal Track/Hold, 100kHz Sampling Rate
♦♦ SPI/QSPI/MICROWIRE/TMS320-Compatible
4-Wire Serial Interface
♦♦ Software-Configurable Unipolar or Bipolar Inputs
♦♦ 20-Pin DIP/SSOP Packages
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
DIP/SSOP
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
VDD
VREF
SHDN
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MAX1245
___________________Pin Configuration
VDD
I/O
SCK (SK)*
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
COM
AGND
DGND
VDD
CH7
0.1
μF
0.1
μF
CH0
0V to
+2.048V
ANALOG
INPUTS
MAX1245
CPU
+2.5V
VREF
+2.048V
___________Typical Operating Circuit
19-1066; Rev 1; 11/09
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
________________Ordering Information
*
Contact factory for availability of alternate surface-mount packages.
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
PART*
TEMP RANGE
PIN-PACKAGE
INL
(LSB)
MAX1245ACPP
0
°C to +70°C
20 Plastic DIP
±1/2
MAX1245BCPP
0
°C to +70°C
20 Plastic DIP
±1
MAX1245ACAP
0
°C to +70°C
20 SSOP
±1/2
MAX1245BCAP
0
°C to +70°C
20 SSOP
±1
MAX1245AEPP
-40
°C to +85°C 20 Plastic DIP
±1/2
MAX1245BEPP
-40
°C to +85°C 20 Plastic DIP
±1
MAX1245AEAP
-40
°C to +85°C 20 SSOP
±1/2
MAX1245BEAP
-40
°C to +85°C 20 SSOP
±1


Similar Part No. - MAX1245ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245ACPP MAXIM-MAX1245ACPP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
More results

Similar Description - MAX1245ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com