Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1245ACAP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1245ACAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACAP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1245ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0.1
μF
2.048V
VDD
DGND
AGND
COM
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+2.5V
N.C.
0.01
μF
CH7
VREF
C1
0.1
μF
0V TO
2.048V
ANALOG
INPUT
OSCILLOSCOPE
CH1
CH2
CH3
CH4
* FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX)
MAX1245
+2.5V
1.5MHz
OSCILLATOR
SCLK
SSTRB
DOUT*
Figure 5. Quick-Look Circuit
where RIN = 12k
Ω, RS = the source impedance of the
input signal, and tACQ is never less than 2.0µs. Note
that source impedances below 1k
Ω do not significantly
affect the AC performance of the ADC. Higher source
impedances can be used if an input capacitor is con-
nected to the analog inputs, as shown in Figure 5. Note
that the input capacitor forms an RC filter with the input
source impedance, limiting the ADC’s signal bandwidth.
Input Bandwidth
The ADC’s input tracking circuitry has a 2.25MHz
small-signal bandwidth, so it is possible to digitize
high-speed transient events and measure periodic sig-
nals with bandwidths exceeding the ADC’s sampling
rate by using undersampling techniques. To avoid
high-frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and AGND, allow the channel input pins to
swing from AGND - 0.3V to VDD + 0.3V without dam-
age. However, for accurate conversions near full scale,
the inputs must not exceed VDD by more than 50mV or
be lower than AGND by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, do not forward bias the protection diodes of
off channels over two milliamperes, as excessive
current will degrade the conversion accuracy of the
on channel.
Quick Look
To quickly evaluate the MAX1245’s analog perfor-
mance, use the circuit of Figure 5. The MAX1245
requires a control byte to be written to DIN before each
conversion. Tying DIN to VDD feeds in control bytes of
$FF (HEX), which trigger single-ended unipolar conver-
sions on CH7 in external clock mode without powering
down between conversions. In external clock mode, the
SSTRB output pulses high for one clock period before
the most significant bit of the 12-bit conversion result is
shifted out of DOUT. Varying the analog input to CH7
alters the sequence of bits from DOUT. A total of 15
clock cycles is required per conversion. All transitions
of the SSTRB and DOUT outputs occur on the falling
edge of SCLK.
How to Start a Conversion
A conversion is started by clocking a control byte into
DIN. With CS low, each rising edge on SCLK clocks a
bit from DIN into the MAX1245’s internal shift register.
After CS falls, the first arriving logic “1” bit defines the
MSB of the control byte. Until this first “start” bit arrives,
any number of logic “0” bits can be clocked into DIN
with no effect. Table 1 shows the control-byte format.
The MAX1245 is compatible with Microwire, SPI, and
QSPI devices. For SPI, select the correct clock polarity
and sampling edge in the SPI control registers: set
CPOL = 0 and CPHA = 0. Microwire, SPI, and QSPI all
transmit a byte and receive a byte at the same time.
Using the
Typical Operating Circuit, the simplest soft-
ware interface requires only three 8-bit transfers to
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
_______________________________________________________________________________________
9


Similar Part No. - MAX1245ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245ACAP MAXIM-MAX1245ACAP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
More results

Similar Description - MAX1245ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com