Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1586AETM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1586AETM
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1586AETM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1586AETM Datasheet HTML 1Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 2Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 3Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 4Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 5Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 6Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 7Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 8Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LBI = IN (for preset)
3.51
3.6
3.69
LBI Threshold (Falling)
MAX1586 hysteresis is
5% (typ)
With resistors at LBI
0.98
1.00
1.02
V
DBI = IN (for preset)
3.024
3.15
3.276
DBI Threshold (Falling)
MAX1586 hysteresis is
5% (typ)
With resistors at LBI
1.208
1.232
1.256
V
RSO Threshold (Falling)
Voltage on REG7, hysteresis is 5% (typ)
2.25
2.41
2.56
V
RSO Deassert Delay
61
65.5
70
ms
LBI Input Bias Current
MAX1586
-50
-5
nA
DBI Input Bias Current
MAX1586
15
50
nA
Thermal-Shutdown Temperature
TJ rising
+160
°C
Thermal-Shutdown Hysteresis
15
°C
LOGIC INPUTS AND OUTPUTS
LBO, DBO, POK, RSO, SDA Output
Low Level
2.6V
≤ V7 ≤ 5.5V, sinking 1mA
0.4
V
LBO, DBO, POK, RSO Output Low
Level
V7 = 1V, sinking 100µA
0.4
V
LBO, DBO, POK, RSO Output-High
Leakage Current
Pin = 5.5V
0.2
µA
ON_, SCL, SDA, SLP, PWM3, MR,
SRAD Input High Level
2.6V
≤ VIN ≤ 5.5V
1.6
V
ON_, SCL, SDA, SLP, PWM3, MR,
SRAD Input Low Level
2.6V
≤ VIN ≤ 5.5V
0.4
V
ON_, SCL, SDA, SLP, PWM3, MR,
SRAD Input Leakage Current
Pin = GND, 5.5V
-1
+1
µA
SERIAL INTERFACE
Clock Frequency
400
kHz
Bus-Free Time Between START and
STOP
1.3
µs
Hold Time Repeated START Condition
0.6
µs
CLK Low Period
1.3
µs
CLK High Period
0.6
µs
Setup Time Repeated START Condition
0.6
µs
DATA Hold Time
0µs
DATA Setup Time
100
ns
Maximum Pulse Width of Spikes that
Must be Suppressed by the Input
Filter of Both DATA and CLK Signals
50
ns
Setup Time for STOP Condition
0.6
µs
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VBKBT = 3.0V, VLBI = 1.1V, VDBI = 1.35V, circuit of Figure 5, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)


Similar Part No. - MAX1586AETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586AETM MAXIM-MAX1586AETM Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586AETM MAXIM-MAX1586AETM Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
More results

Similar Description - MAX1586AETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com