Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1245BCAP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1245BCAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245BCAP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1245BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX1245BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +2.375V to +3.3V, COM = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1:
Tested at VDD = +2.375V; COM = 0V; unipolar single-ended input mode.
Note 2:
Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3:
External reference (VREF = +2.048V), offset nulled.
Note 4:
Ground “on” channel; sine wave applied to all “off” channels.
Note 5:
Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6:
The common-mode range for the analog inputs is from AGND to VDD.
Note 7:
Guaranteed by design. Not subject to production testing.
Note 8:
ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 9:
Measured as
|VFS(2.375V) - VFS(3.3V)|.
DIN to SCLK Setup
ns
400
tSTR
CS Rise to SSTRB Output Disable
ns
240
tSDV
CS Fall to SSTRB Output Enable
260
tSSTRB
SCLK Fall to SSTRB
ns
300
tCL
SCLK Pulse Width Low
ns
300
SCLK Pulse Width High
ns
0
CS to SCLK Rise Hold
ns
200
tCSS
CS to SCLK Rise Setup
ns
400
tTR
CS Rise to Output Disable
ns
240
tDV
CS Fall to Output Enable
tDO
SCLK Fall to Output Data Valid
ns
0
tDH
DIN to SCLK Hold
ns
µs
2.0
tACQ
Acquisition Time
0
tSCK
SSTRB Rise to SCLK Rise
ns
200
tDS
UNITS
MIN
TYP
MAX
SYMBOL
Internal clock mode only (Note 7)
External clock mode only, Figure 2
External clock mode only, Figure 1
Figure 1
Figure 2
Figure 1
CONDITIONS
Figure 1
ns
20
260
tCSH
tCH
__________________________________________Typical Operating Characteristics
(VDD = 2.5V, VREF = 2.048V, fCLK = 1.5MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)
ns
1.25
2.375
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
1.00
VDD (V)
2.875
0.75
0.50
3.375
3.125
2.625
RL =
CODE = 101010100000
CLOAD = 50pF
CLOAD = 20pF
0.90
0.65
-55
-30
70
SUPPLY CURRENT
vs. TEMPERATURE
0.85
0.80
0.75
0.70
TEMPERATURE (
°C)
20
145
120
-5
45
95
RL =
CODE = 101010100000
0.50
0.00
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
2.375
2.875
3.375
3.125
2.625
PARAMETER


Similar Part No. - MAX1245BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245BCAP MAXIM-MAX1245BCAP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
More results

Similar Description - MAX1245BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com