Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1649 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1649
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1649_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1649_09 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
_______________________________________________________________________________________
7
Shutdown Mode
When SHDN is high, the MAX1649/MAX1651 enter shut-
down mode. In this mode, the internal biasing circuitry is
turned off (including the reference) and the supply cur-
rent drops to less than 5µA. EXT goes high, turning off the
external MOSFET. SHDN is a logic-level input. Connect
SHDN to GND for normal operation.
Quiescent Current
In normal operation, the device's typical quiescent cur-
rent is 78µA. In an actual application, even with no load,
additional current is drawn to supply external feedback
resistors (if used) and the diode and capacitor leakage
currents. In the circuit of Figure 1, with V+ at 5V and
VOUT at 3.3V, typical no-load supply current for the
entire circuit is 90µA.
MAX1649
MAX1651
Q
MINIMUM
OFF-TIME
ONE-SHOT
TRIG
Q
MAXIMUM
ON-TIME
ONE-SHOT
TRIG
DUAL-MODE™
COMPARATOR
ERROR
COMPARATOR
CURRENT
COMPARATOR
110mV
Q
S
R
FROM V+
FROM V+
CS
EXT
OUT
GND
REF
SHDN
FB
V+
1.5V
REFERENCE
F/F
N
™ Dual-Mode is a trademark of Maxim Integrated Products
50mV
Figure 2. Block Diagram


Similar Part No. - MAX1649_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16491 AD-MAX16491 Datasheet
3Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 1; 7/21
MAX16491GCS++ AD-MAX16491GCS+ Datasheet
3Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 1; 7/21
MAX16491GCS+T AD-MAX16491GCS+T Datasheet
3Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 1; 7/21
logo
Maxim Integrated Produc...
MAX1649C/D MAXIM-MAX1649C/D Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649CPA MAXIM-MAX1649CPA Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1649_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com