Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1649CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1649CSA
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1649CSA Datasheet HTML 1Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 2Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 3Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 4Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 5Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 6Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 7Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 8Page - Maxim Integrated Products MAX1649CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
1.4625
1.5
1.5375
FB Trip Point
1.470
1.5
1.530
V
I+
15
FB Input Current
IFB
±50
nA
±70
Output Voltage
VOUT
4.80
5.0
5.20
V
Supply Current
V+ Input Voltage Range
V+
3.0
16
V
78
100
µA
2
3.17
3.3
3.43
Reference Voltage
VREF
1.470
1.5
1.530
V
1.4625
1.5
1.5375
REF Load Regulation
mV
410
CONDITIONS
MAX1649E, MAX1651E
MAX1649, V+ = 5.5V to 16V
MAX1649C, MAX1651C
V+ = 10V, SHDN
≥ 1.6V (shutdown)
MAX1649C, MAX1651C
MAX1649C, MAX1651C, IREF = 0
μA
MAX1649E, MAX1651E
MAX1649E, MAX1651E, IREF = 0
μA
VOUT < V+
V+ = 16V, SHDN
≤ 0.4V (operating, switch off)
V+ = 16V, SHDN
≥ 1.6V (shutdown)
Supply Voltage, V+ to GND.......................................-0.3V, +17V
REF, SHDN, FB, CS, EXT, OUT .......................-0.3V, (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Ranges
MAX1649C_A, MAX1651C_A ..............................0°C to +70°C
MAX1649E_A, MAX1651E_A ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
0µA
≤ IREF ≤ 100µA, sourcing only
3V
≤ V+ ≤ 16V
REF Line Regulation
40
100
µV/V
2.6
mV/V
1.7
Output Voltage
Line Regulation
Circuit of
Figure 1
MAX1649, 5.5V
≤ V+ ≤ 16V,
ILOAD = 1A
MAX1651, 3.6V
≤ V+ ≤ 16V,
ILOAD = 1A
-47
mV/A
MAX1649, 0A
≤ ILOAD ≤ 1.5A,
VIN = 10V
MAX1651, 0A
≤ ILOAD ≤ 1.5A,
VIN = 5V
-45
Output Voltage
Load Regulation
Circuit of
Figure 1
90
%
MAX1649, V+ = 10V,
ILOAD = 1A
MAX1651, V+ = 5V,
ILOAD = 1A
90
Efficiency
Circuit of
Figure 1
SHDN Input Current
V+ = 16V, SHDN = 0V or V+
1
µA
SHDN Input Voltage High
VIH
3V
≤ V+ ≤ 16V
1.6
V
SHDN Input Voltage Low
VIL
3V
≤ V+ ≤ 16V
0.4
V
MAX1651, V+ = 3.6V to 16V


Similar Part No. - MAX1649CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649CSA MAXIM-MAX1649CSA Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1649CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com