Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57164K Datasheet(PDF) 4 Page - EPCOS

Part # B57164K
Description  NTC thermistors for temperature measurement
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57164K Datasheet(HTML) 4 Page - EPCOS

  B57164K Datasheet HTML 1Page - EPCOS B57164K Datasheet HTML 2Page - EPCOS B57164K Datasheet HTML 3Page - EPCOS B57164K Datasheet HTML 4Page - EPCOS B57164K Datasheet HTML 5Page - EPCOS B57164K Datasheet HTML 6Page - EPCOS B57164K Datasheet HTML 7Page - EPCOS B57164K Datasheet HTML 8Page - EPCOS B57164K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 125
°C
t: 1000 h
< 3%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 21 days
< 3%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 3%
No visible
damage
Endurance
Pmax: 450 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 5%
No visible
damage
Temperature measurement and compensation
B57164K
Leaded NTC thermistors, lead spacing 5 mm
K164
Page 4 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57164K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57164K0101+000 EPCOS-B57164K0101+000 Datasheet
61Kb / 3P
   Leaded Disks
B57164K0101000 EPCOS-B57164K0101000 Datasheet
557Kb / 30P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57164K0101000 TDK-B57164K0101000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
B57164K0101J000 TDK-B57164K0101J000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
logo
EPCOS
B57164K0102+000 EPCOS-B57164K0102+000 Datasheet
61Kb / 3P
   Leaded Disks
More results

Similar Description - B57164K

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com