Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57235 Datasheet(PDF) 8 Page - EPCOS

Part # B57235
Description  NTC thermistors for inrush current limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57235 Datasheet(HTML) 8 Page - EPCOS

Back Button B57235 Datasheet HTML 4Page - EPCOS B57235 Datasheet HTML 5Page - EPCOS B57235 Datasheet HTML 6Page - EPCOS B57235 Datasheet HTML 7Page - EPCOS B57235 Datasheet HTML 8Page - EPCOS B57235 Datasheet HTML 9Page - EPCOS B57235 Datasheet HTML 10Page - EPCOS B57235 Datasheet HTML 11Page - EPCOS B57235 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Mounting instructions
1
Soldering
1.1
Leaded NTC thermistors
Leaded thermistors comply with the solderability requirements specified by CECC.
When soldering, care must be taken that the NTC thermistors are not damaged by excessive
heat. The following maximum temperatures, maximum time spans and minimum distances have
to be observed:
Dip soldering
Iron soldering
Bath temperature
max. 260
°C
max. 360
°C
Soldering time
max. 4 s
max. 2 s
Distance from thermistor
min. 6 mm
min. 6 mm
Under more severe soldering conditions the resistance may change.
Solderability (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Wetting of soldering areas
≥95%.
Solder
Bath temperature (
°C)
Dwell time (s)
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
245
±3
3
1.1.1
Resistance to soldering heat (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Leaching of side edges
≤1/3.
Solder
Bath temperature (
°C)
Dwell time (s)
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
260
5
10
Inrush current limiters
B57235
ICLs
S235
Page 8 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57235 EPCOS-B57235 Datasheet
193Kb / 6P
   NTC thermistors for inrush current limiting
B57235S0100M000 EPCOS-B57235S0100M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0100M000 EPCOS-B57235S0100M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57235S0100M051 EPCOS-B57235S0100M051 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57235S0100M51 EPCOS-B57235S0100M51 Datasheet
314Kb / 1P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com