Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57235 Datasheet(PDF) 10 Page - EPCOS

Part # B57235
Description  NTC thermistors for inrush current limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57235 Datasheet(HTML) 10 Page - EPCOS

Back Button B57235 Datasheet HTML 6Page - EPCOS B57235 Datasheet HTML 7Page - EPCOS B57235 Datasheet HTML 8Page - EPCOS B57235 Datasheet HTML 9Page - EPCOS B57235 Datasheet HTML 10Page - EPCOS B57235 Datasheet HTML 11Page - EPCOS B57235 Datasheet HTML 12Page - EPCOS B57235 Datasheet HTML 13Page - EPCOS B57235 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
When subjecting leads to mechanical stress, the following should be observed:
Tensile stress on leads
During mounting and operation tensile forces on the leads are to be avoided.
Bending of leads
Bending of the leads directly on the thermistor body is not permissible.
A lead may be bent at a minimum distance of twice the wire's diameter +2 mm from the solder
joint on the thermistor body. During bending the wire must be mechanically relieved at its outlet.
The bending radius should be at least 0.75 mm.
Twisting of leads
The twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
3
Sealing and potting
When thermistors are sealed, potted or overmolded, there must be no mechanical stress caused
by thermal expansion during the production process (curing / overmolding process) and during
later operation. The upper category temperature of the thermistor must not be exceeded. Ensure
that the materials used (sealing / potting compound and plastic material) are chemically neutral.
4
Cleaning
If cleaning is necessary, mild cleaning agents such as ethyl alcohol and cleaning gasoline are
recommended. Cleaning agents based on water are not allowed. Ultrasonic cleaning methods are
permissible.
5
Storage
In order to maintain their solderability, thermistors must be stored in a non-corrosive atmosphere.
Humidity, temperature and container materials are critical factors.
The components should be left in the original packing. Touching the metallization of unsoldered
thermistors may change their soldering properties.
Storage temperature:
25
°C up to 45 °C
Max. relative humidity (without condensation):
<95%, maximum 30 days per annum
Solder the thermistors listed in this data book after shipment from EPCOS within the time speci-
fied:
Leaded components:
24 months
Inrush current limiters
B57235
ICLs
S235
Page 10 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57235 EPCOS-B57235 Datasheet
193Kb / 6P
   NTC thermistors for inrush current limiting
B57235S0100M000 EPCOS-B57235S0100M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0100M000 EPCOS-B57235S0100M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57235S0100M051 EPCOS-B57235S0100M051 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57235S0100M51 EPCOS-B57235S0100M51 Datasheet
314Kb / 1P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com