Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57236S0120M000 Datasheet(PDF) 2 Page - EPCOS

Part # B57236S0120M000
Description  NTC thermistors for inrush current limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57236S0120M000 Datasheet(HTML) 2 Page - EPCOS

  B57236S0120M000 Datasheet HTML 1Page - EPCOS B57236S0120M000 Datasheet HTML 2Page - EPCOS B57236S0120M000 Datasheet HTML 3Page - EPCOS B57236S0120M000 Datasheet HTML 4Page - EPCOS B57236S0120M000 Datasheet HTML 5Page - EPCOS B57236S0120M000 Datasheet HTML 6Page - EPCOS B57236S0120M000 Datasheet HTML 7Page - EPCOS B57236S0120M000 Datasheet HTML 8Page - EPCOS B57236S0120M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application notes", chapters 1.6 and 1.7.
Applications
Switch-mode power supplies
Features
Useable in series connections
up to 265 VRMS
Coated thermistor disk
Kinked leads of tinned copper wire
Wide resistance range
UL approval (E69802)
Options
Resistance tolerance <20% and alternative
lead configurations available on request
Delivery mode
Bulk (standard),
cardboard tape, reeled or in Ammo pack
Dimensional drawing
Dimensions in mm
Approx. weight 1 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
2.1
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 10
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 70
s
Heat capacity
Cth
approx. 700
mJ/K
Electrical specification and ordering codes
R25
Imax
(0...65
°C)
A
B25/100
K
Ctest1)
230 V
µF
Ctest1)
110 V
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
2.2
6.0
2700
200
800
0.806
1.30
B57236S0229M000
2.5
5.5
2700
200
800
0.621
1.27
B57236S0259M000
3
5.0
2700
300
1200
0.804
1.34
B57236S0309M000
4.7
4.6
2800
300
1200
0.740
1.30
B57236S0479M000
5
4.5
2800
300
1200
0.761
1.30
B57236S0509M000
8
3.7
2900
300
1200
1.11
1.34
B57236S0809M000
10
3.5
2900
300
1200
0.942
1.32
B57236S0100M000
12
3.2
2900
300
1200
1.00
1.32
B57236S0120M000
16
2.9
2965
300
1200
1.08
1.33
B57236S0160M000
20
2.8
3065
300
1200
1.13
1.34
B57236S0200M000
25
2.5
3065
300
1200
1.22
1.34
B57236S0250M000
50
1.9
3165
300
1200
1.44
1.38
B57236S0500M000
Inrush current limiters
B57236
ICLs
S236
Page 2 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57236S0120M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57236S0120M000 EPCOS-B57236S0120M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0120M000 EPCOS-B57236S0120M000 Datasheet
194Kb / 6P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57236S0120M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com