Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1979 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1979
Description  Integrated Temperature Controllers for Peltier Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1979 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1979 Datasheet HTML 4Page - Maxim Integrated Products MAX1979 Datasheet HTML 5Page - Maxim Integrated Products MAX1979 Datasheet HTML 6Page - Maxim Integrated Products MAX1979 Datasheet HTML 7Page - Maxim Integrated Products MAX1979 Datasheet HTML 8Page - Maxim Integrated Products MAX1979 Datasheet HTML 9Page - Maxim Integrated Products MAX1979 Datasheet HTML 10Page - Maxim Integrated Products MAX1979 Datasheet HTML 11Page - Maxim Integrated Products MAX1979 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Integrated Temperature
Controllers for Peltier Modules
8
_______________________________________________________________________________________
SWITCHING FREQUENCY CHANGE
vs. INPUT SUPPLY
VDD (V)
5.0
4.5
4.0
3.5
-30
-25
-20
-15
-10
-5
0
5
10
-35
3.0
5.5
REFERENCE VOLTAGE CHANGE
vs. INPUT SUPPLY
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
-3.0
VDD (V)
5.0
4.5
4.0
3.5
3.0
5.5
REFERENCE VOLTAGE CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-3
-2
-1
0
1
2
3
-4
-40
80
REFERENCE LOAD REGULATION
REFERENCE LOAD CURRENT (mA)
0.8
0.6
-0.2
0
0.2
0.4
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-1.0
-0.4
1.0
SINK
SOURCE
ATO VOLTAGE
vs. THERMISTOR TEMPERATURE
THERMISTOR TEMPERATURE (
°C)
30
20
010
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
-10
40
50
60
NTC, 10k
Ω THERMISTOR
CIRCUIT IN FIGURES 1 AND 2
STARTUP AND SHUTDOWN WAVEFORMS
100
µs/div
VSHDN
5V/div
ITEC
500mA/div
IDD
200mA/div
CTLI STEP RESPONSE
1ms/div
1.5V
0A
VCTLI
1V/div
ITEC
1A/div
INPUT SUPPLY STEP RESPONSE
1A
0V
VDD
2V/div
ITEC
20mA/div
10ms/div
THERMAL STABILITY,
COOLING MODE
4s/div
TEMPERATURE
0.001
°C/div
ITEC = +25
°C
TA = +45
°C
Typical Operating Characteristics (continued)
(VDD = 5V, VCTLI = 1V, VFREQ = GND, RTEC = 1Ω, circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1979

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19790 MAXIM-MAX19790 Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
MAX19790ETX++ MAXIM-MAX19790ETX+ Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
MAX19790ETX+T MAXIM-MAX19790ETX+T Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
MAX19791 MAXIM-MAX19791 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
More results

Similar Description - MAX1979

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1978 MAXIM-MAX1978 Datasheet
620Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
19-2490; Rev 0; 7/02
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
logo
Renesas Technology Corp
TSE2002B3C RENESAS-TSE2002B3C Datasheet
621Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Modules
May 12, 2010
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
   Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
   Temperature Controllers
logo
Renesas Technology Corp
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com