Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43456B5478M003 Datasheet(PDF) 4 Page - EPCOS

Part # B43456B5478M003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43456B5478M003 Datasheet(HTML) 4 Page - EPCOS

  B43456B5478M003 Datasheet HTML 1Page - EPCOS B43456B5478M003 Datasheet HTML 2Page - EPCOS B43456B5478M003 Datasheet HTML 3Page - EPCOS B43456B5478M003 Datasheet HTML 4Page - EPCOS B43456B5478M003 Datasheet HTML 5Page - EPCOS B43456B5478M003 Datasheet HTML 6Page - EPCOS B43456B5478M003 Datasheet HTML 7Page - EPCOS B43456B5478M003 Datasheet HTML 8Page - EPCOS B43456B5478M003 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Dimensional drawings
B43456
Ring clip/clamp mounting
B43458
Threaded stud mounting
The base of types with threaded stud and d = 91 mm is fully insulated (the lenghts I and l1 are in-
creased by 0.5 mm in these cases). For types with threaded stud and d
≤ 76 mm the base is not
insulated. Also refer to the mounting instructions in chapter "Capacitors with screw terminals
Accessories".
Screw terminals with UNF threads are available upon request.
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
M5
M5
51.6 +0/ 0.8
51.6 +0/ 0.8
51.6 +0/ 0.8
51.6 +0/ 0.8
80.7
105.7
118.2
130.7
87.2
112.2
124.7
137.2
17
17
17
17
M12
M12
M12
M12
10.2
10.2
10.2
10.2
22.2
22.2
22.2
22.2
220
280
320
350
M5
M5
M5
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
105.7
130.7
143.2
112.2
137.2
149.7
17
17
17
M12
M12
M12
13.2
13.2
13.2
28.5
28.5
28.5
440
600
630
M6
M6
M6
M6
M6
M6
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
105.7
118.2
143.2
168.7
190.7
220.7
111.5
124.0
149.0
174.5
196.5
226.5
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
17.7
17.7
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
31.7
31.7
620
700
840
1000
1150
1300
M6
M6
M6
91.0 +0/ 2
91.0 +0/ 2
91.0 +0/ 2
144.5
170.0
221.0
149.8
175.3
226.3
17
17
17
M12
M12
M12
17.7
17.7
17.7
31.7
31.7
31.7
1200
1400
1900
Dimensions are also valid for low-inductance design.
B43456, B43458
Extremely compact
85
°C
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43456B5478M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4129M000 EPCOS-B43456A4129M000 Datasheet
181Kb / 9P
   Frequency converters
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
B43456A4159M000 EPCOS-B43456A4159M000 Datasheet
181Kb / 9P
   Frequency converters
B43456A4189M000 EPCOS-B43456A4189M000 Datasheet
181Kb / 9P
   Frequency converters
B43456A4228M000 EPCOS-B43456A4228M000 Datasheet
181Kb / 9P
   Frequency converters
More results

Similar Description - B43456B5478M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com