Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3202E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3202E
Description  Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3202E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3202E Datasheet HTML 1Page - Maxim Integrated Products MAX3202E Datasheet HTML 2Page - Maxim Integrated Products MAX3202E Datasheet HTML 3Page - Maxim Integrated Products MAX3202E Datasheet HTML 4Page - Maxim Integrated Products MAX3202E Datasheet HTML 5Page - Maxim Integrated Products MAX3202E Datasheet HTML 6Page - Maxim Integrated Products MAX3202E Datasheet HTML 7Page - Maxim Integrated Products MAX3202E Datasheet HTML 8Page - Maxim Integrated Products MAX3202E Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
General Description
The MAX3202E/MAX3203E/MAX3204E/MAX3206E are
low-capacitance ±15kV ESD-protection diode arrays
designed to protect sensitive electronics attached to
communication lines. Each channel consists of a pair of
diodes that steer ESD current pulses to VCC or GND.
The MAX3202E/MAX3203E/MAX3204E/MAX3206E pro-
tect against ESD pulses up to ±15kV Human Body
Model, ±8kV Contact Discharge, and ±15kV Air-Gap
Discharge, as specified in IEC 61000-4-2. These
devices have a 5pF capacitance per channel, making
them ideal for use on high-speed data I/O interfaces.
The MAX3202E is a two-channel device intended for USB
and USB 2.0 applications. The MAX3203E is a triple-ESD
structure intended for USB On-the-Go (OTG) and video
applications. The MAX3204E is a quad-ESD structure
designed for Ethernet and FireWire® applications, and
the MAX3206E is a six-channel device designed for
cell phone connectors and SVGA video connections.
All devices are available in tiny 4-bump (1.05mm x
1.05mm) WLP, 6-bump (1.05mm x 1.57mm) UCSP™,
9-bump (1.52mm x 1.52mm) WLP, 6-pin (3mm x 3mm)
TDFN, and 12-pin (4mm x 4mm) TQFN packages and
are specified for -40°C to +85°C operation.
Applications
USB
Video
USB 2.0
Cell Phones
Ethernet
SVGA Video Connections
FireWire
Features
♦ High-Speed Data Line ESD Protection
±15kV—Human Body Model
±8kV—IEC 61000-4-2, Contact Discharge
±15kV—IEC 61000-4-2, Air-Gap Discharge
♦ Tiny UCSP/WLP Package Available
♦ Low 5pF Input Capacitance
♦ Low 1nA (max) Leakage Current
♦ Low 1nA Supply Current
♦ +0.9V to +5.5V Supply Voltage Range
♦ 2-, 3-, 4-, or 6-Channel Devices Available+
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2739; Rev 4; 12/09
*
UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliability Notice in the UCSP Reliability section for more
information.
**
EP = Exposed pad.
Note: All devices operate over -40°C to +85°C temperature
range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
PIN-PACKAGE
TOP MARK
MAX3202EEWS+T
4-WLP
+AA
MAX3202EETT+T
6-TDFN-EP**
+ADQ
MAX3203EEBT-T
6-UCSP*
+ABA
MAX3203EETT+T
6-TDFN-EP**
+ADO
MAX3204EEWT+T
6-WLP
+AL
MAX3204EETT+T
6-TDFN-EP**
+ADP
MAX3206EEWL+T
9-WLP
+AQ
MAX3206EETC+
12-TQFN-EP**
+AACA
Selector Guide
PART
ESD-PROTECTED
I/O PORTS
MAX3202EEWS+T
2
MAX3202EETT-T
2
MAX3203EEBT-T
3
MAX3203EETT-T
3
MAX3204EEBT-T
4
MAX3204EETT-T
4
MAX3206EEBL-T
6
MAX3206EETC
6
Pin Configurations appear at end of data sheet.
FireWire is a registered trademark of Apple Computer, Inc.
UCSP is a trademark of Maxim Integrated Products, Inc.
MAX3202E
MAX3204E
MAX3206E
MAX3208E
PROTECTED
CIRCUIT
0.1
µF
0.1
µF
I/0_
I/0
VCC
VCC
Typical Operating Circuit


Similar Part No. - MAX3202E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
MAX3202E MAXIM-MAX3202E Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202EEBS-T MAXIM-MAX3202EEBS-T Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
MAX3202EETT MAXIM-MAX3202EETT Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
MAX3202EETT MAXIM-MAX3202EETT Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
More results

Similar Description - MAX3202E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com