Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4036AAXK+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4036AAXK+T
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4036AAXK+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4036AAXK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 10Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 11Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 12Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 13Page - Maxim Integrated Products MAX4036AAXK+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
10
______________________________________________________________________________________
Detailed Description
The MAX4036–MAX4039 consume an ultra-low supply
current and have rail-to-rail output stages specifically
designed for low-voltage operation. The input common-
mode voltage range extends from VDD - 0.4V to VSS,
although full rail-to-rail input range is possible with
degraded performance when operating from a supply
voltage above 3.0V. The input offset voltage is typically
200µV. Low-operating supply voltage, low supply current,
and rail-to-rail outputs make the MAX4036–MAX4039 an
excellent choice for precision or general-purpose low-
voltage, battery-powered systems.
Rail-to-Rail Outputs
The MAX4036–MAX4039 output stages can drive a 5kΩ
load and still swing to within 40mV of the rails. Figure 1
shows the output voltage swing of the MAX4036–
MAX4039 configured as a unity-gain buffer, powered
from a single 2.4V supply. The output for this setup typi-
cally swings from 5mV to VDD - 5mV with a 100kΩ load.
PIN
MAX4038/
MAX4038A
MAX4039
MAX4036/
MAX4036A
MAX4037
µMAX*/TDFN UCSP µMAX/TDF
UCSP
NAME
FUNCTION
1
3
IN+
Noninverting Amplifier Input
2
2
4
A2
5
A2
VSS
Negative Power-Supply Voltage
3
4
IN-
Inverting Amplifier Input
4
1
OUT
Amplifier Output
56
8
C2
10
C2
VDD
Positive Power-Supply Voltage
5
6
B2
REF
Reference Voltage Output
1
C1
1
C1
OUTA
Amplifier Output (Channel A)
2
B1
2
B1
INA-
Inverting Amplifier Input (Channel A)
3
A1
3
A1
INA+
Noninverting Amplifier Input (Channel A)
5
A3
7
A3
INB+
Noninverting Amplifier Input (Channel B)
6
B3
8
B3
INB-
Inverting Amplifier Input (Channel B)
7
C3
9
C3
OUTB
Amplifier Output (Channel B)
B2
4
N.C.
No Connection. Not internally connected.
——
EP
(TDFN only)
Exposed Paddle. Solder EP to VSS or leave
unconnected (TDFN packages only).
2ms/div
1V/div
VIN_+
1.5V
1.5V
VOUT+
AV = 1V/V
Figure 1. Rail-to-Rail Input/Output Voltage Range
*
Both MAX4038/MAX4038A available in µMAX package only.


Similar Part No. - MAX4036AAXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036 Datasheet
707Kb / 19P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 2; 11/04
MAX4036EXK-T MAXIM-MAX4036EXK-T Datasheet
707Kb / 19P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 2; 11/04
More results

Similar Description - MAX4036AAXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036 Datasheet
707Kb / 19P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 2; 11/04
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com