Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814ATP+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16814ATP+
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814ATP+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16814ATP+ Datasheet HTML 5Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 12Page - Maxim Integrated Products MAX16814ATP+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
_______________________________________________________________________________________ 9
Pin Description (continued)
PIN
NAME
FUNCTION
TQFN
TSSOP
12
15
OUT2
LED String Cathode Connection 2. OUT2 is the open-drain output of the linear current sink that
controls the current through the LED string connected to OUT2. OUT2 sinks up to 150mA. If
unused, connect OUT2 to LEDGND.
13
16
LEDGND
LED Ground. LEDGND is the return path connection for the linear current sinks. Connect
SGND, LEDGND, and PGND at a single point.
14
17
OUT3
LED String Cathode Connection 3. OUT3 is the open-drain output of the linear current sink that
controls the current through the LED string connected to OUT3. OUT3 sinks up to 150mA. If
unused, connect OUT3 to LEDGND.
15
18
OUT4
LED String Cathode Connection 4. OUT4 is the open-drain output of the linear current sink that
controls the current through the LED string connected to OUT4. OUT4 sinks up to 150mA. If
unused, connect OUT4 to LEDGND.
16
19
CS
Current-Sense Input. CS is the current-sense input for the switching regulator. A sense resistor
connected from the source of the external power MOSFET to PGND sets the switching current
limit. A resistor connected between the source of the power MOSFET and CS sets the slope
compensation ramp rate (see the Slope Compensation section).
17
20
PGND
Power Ground. PGND is the switching current return path connection. Connect SGND,
LEDGND, and PGND at a single point.
18
1
NDRV
Switching n-MOSFET Gate-Driver Output. Connect NDRV to the gate of the external switching
power MOSFET.
19
2
DRV
MOSFET Gate-Driver Supply Input. Connect a resistor between VCC and DRV to power the
MOSFET driver with the internal 5V regulator. Bypass DRV to PGND with a minimum of 0.1µF
ceramic capacitor.
20
3
VCC
5V Regulator Output. Bypass VCC to SGND with a minimum of 1µF ceramic capacitor as close
as possible to the device.
EP
Exposed Pad. Connect EP to a large-area contiguous copper ground plane for effective power
dissipation. Do not use as the main IC ground connection. EP must be connected to SGND.


Similar Part No. - MAX16814ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814ATP++ MAXIM-MAX16814ATP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814ATP++ MAXIM-MAX16814ATP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814ATP++ MAXIM-MAX16814ATP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com