Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3LP-304L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # P3LP-304L
Description  Low Pass LC Filter Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

P3LP-304L Datasheet(HTML) 1 Page - Coilcraft lnc.

  P3LP-304L Datasheet HTML 1Page - Coilcraft lnc. P3LP-304L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Low Pass LC Filter Modules
Document 118-1
Document 118-1
Revised 10/30/08
Coilcraft’s family of low pass LC filters are available in 3rd
order Butterworth and 7th order elliptical alignments. These
space saving SIP filters offer all the benefits of an LC
design: low insertion loss, high power handling and con-
trolled group delay.
Built using Coilcraft’s tight tolerance surface mount induc-
tors, these filters can be readily customized to meet your
specific requirements.
• 3rd and 7th order alignments
• 50 Ohm characteristic impedance (75 Ohm versions
also available)
• Less than 0.3 dB insertion loss
Coilcraft Designer’s Kit D301 contains samples of the
filters shown in bold. To order, contact Coilcraft or visit
http://order.coilcraft.com.
0.185
4,70
0.180
4,57
0.100
2,54
0.01 × 0.02
0,25 × 0,51
0.450
11,43
C2
C4
C6
Output
P9
P8
P6
P4
P2
Input
P1
C1
C3
C5
C7
L2
L3
L1
max
min
typ
max
P1
0.950
24,13
max
Recommended PC board hole size =
0.027
0,69
0.185
4,70
0.01 × 0.02
0,25 × 0,51
0.500
12,70
Output
Recommended PC board hole size =
0.027
0,69
P3
P2
Input
P1
C1
L2
L1
max***
0.406/11,68
0.510/12,95
0.220/5,59
*
**
***
Models -304 and -604
max**
P1
0.350
8,89
max*
0.100
2,54
typ
0.180
4,57
min
7 Pole Filters
3 Pole Filters
Part
-3 dB cutoff1 Irms2
number
(MHz)
(mA)
P3LP-304L
0.30
100
P3LP-604L
0.60
200
P3LP-155L
1.5
200
P3LP-305L
3.0
200
P3LP-605L
6.0
300
P3LP-156L
15
400
P3LP-306L
30
500
P3LP-606L
60
500
P3LP-157L
150
900
P3LP-307L
300
900
P3LP-507L
500
500
Part
-3 dB cutoff1 Irms2
number
(MHz)
(mA)
P7LP-304L
0.30
100
P7LP-604L
0.60
200
P7LP-155L
1.5
200
P7LP-305L
3.0
250
P7LP-605L
6.0
250
P7LP-156L
15
300
P7LP-306L
30
400
P7LP-606L
60
500
P7LP-157L
150
600
P7LP-307L
300
600
P7LP-507L
500
600
1. Tested on Network Analyzers Agilent/HP 8753D
Agilent/HP 3577B.
2. Current that causes a 15°C temperature rise from 25°C ambient.
3. Ambient temperature range: –40°C to +85°C
4. Storage temperature range: Component: –40°C to +85°C
Packaging: –40°C to +80°C
5. Electrical specifications at 25°C.
6. Parts in bold type are included in a Coilcraft Designer’s Kit.
7 Pole Filters
3 Pole Filters
Weight:
P3LP: 0.33 – 0.68g;
P7LP: 0.86 g
Terminations:
Matte-tin over nickel over phos bronze
Packaging:
30 per tray


Similar Part No. - P3LP-304L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
P3LP-304L COILCRAFT-P3LP-304L Datasheet
206Kb / 2P
   Low Pass LC Filter Modules
More results

Similar Description - P3LP-304L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
P7LP-304L COILCRAFT-P7LP-304L_13 Datasheet
206Kb / 2P
   Low Pass LC Filter Modules
logo
PCA ELECTRONICS INC.
EPB5155G PCA-EPB5155G Datasheet
43Kb / 1P
   VDSL High Pass / Low Pass Filter Modules
EPB5157G PCA-EPB5157G Datasheet
43Kb / 1P
   VDSL High Pass / Low Pass Filter Modules
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com