Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE150412FM+H Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE150412FM+H
Description  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150412FM+H Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE150412FM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE150412FM+H Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
6
Quick design component selection table for adjustable output
Through Hole Output Capacitor
Surface Mount Output Capacitor
Output
Voltage
(V)
Panasonic
HFQ Series
(μF/V)
Nichicon
PL Series
(μF/V)
Feed
forward
Capacitor
Panasonic
HFQ Series
(μF/V)
Nichicon
PL Series
(μF/V)
Feed
forward
Capacitor
2
820/35
820/35
33nF
330/6.3
470/4
33nF
4
560/35
470/35
10nF
330/6.3
390/6.3
10nF
6
470/25
470/25
3.3nF
220/10
330/10
3.3nF
9
330/35
330/25
1.5nF
100/16
180/16
1.5nF
12
330/25
330/25
1nF
100/16
180/16
1nF
15
220/35
220/25
680pF
68/20
120/20
680pF
24
220/35
150/35
560pF
33/25
33/25
220pF
Quick design component selection table for Fixed output
Output Capacitor (μF/V)
Input / Output Condition
Inductor
Through Hole
Electrolytic
Surface Mount
Tantalum
Output
Voltage
(V)
Load
Current
(A)
Max.
input
Voltage
(V)
Inductance
(μF)
Current
(A)
Nichicon
PL
Series
Panasonic
HFQ
Series
Sprague
595D
Series
AVX
TPS
Series
8
22
3.5
560/25
560/25
330/10
220/10
15
33
3.5
330/35
330/35
330/10
220/10
3
25
47
3.5
270/35
330/35
330/10
220/10
9
22
3.1
560/16
470/25
330/10
220/10
15
68
3.1
180/35
180/35
270/10
100/10
5
2
25
68
3.1
180/35
180/35
270/10
100/10
5
22
3.5
560/16
470/25
390/6.3
330/6.3
12
22
3.5
560/25
560/35
390/6.3
330/6.3
3
25
33
3.5
470/35
680/35
390/6.3
330/6.3
6
22
3.1
470/35
470/25
390/6.3
330/6.3
12
33
3.1
330/35
330/35
390/6.3
330/6.3
3.3
2
25
47
3.1
270/50
330/35
330/10
220/10


Similar Part No. - ACE150412FM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE150412FM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com