Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE504A50BN+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE504A50BN+
Description  Wide Input Voltage Range, 150mA ULDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE504A50BN+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE504A50BN+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE504A50BN+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
                                                                                                                  
ACE504A
                        Technology
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
2
Packaging Type
SOT-89-3
SOT-23-5
5
4
1
2
3
1
2
3
Pin
SOT-89-3(A) SOT-89-3(B) SOT-23-5
Function
VIN
2
1
1
Input voltage
GND
1
2
2
Grand
VOUT
3
3
5
Regulated output voltage
EN
3
Enable input
ADJ/NC
4
Adjust output for ADJ version/No connected for
fixed version
Pin Description
Selection Guide
ACE504A XX XX +
AMA : SOT-89-3 (A)
AMB : SOT-89-3 (B)
BN: SOT-23-5
Output Voltage: 
1.8V/3.3V/5.0V/ADJ
Pb - free


Similar Part No. - ACE504A50BN+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
   Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE504A50BN+

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com