Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-7030 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCI-7030
Description  Intel짰 ATOM N270, PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-7030 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCI-7030 Datasheet HTML 1Page - Advantech Co., Ltd. PCI-7030 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCI-7030
Ordering Information
P/N
VGA LVDS DVI
USB LAN
COM
PCI-7030VG-00A1E
Yes
Yes
-
6
1 (82574L) 2
PCI-7030G2-00A1E
Yes
Yes
Yes
5
2 (82574L) 2
Packing List
Part Number
Description
Quantity
1700060202
Y-cable for PS/2 Keyboard, PS/2 Mouse
x 1
1701340603
FDD cable (600 mm)
x 1
1700000265
Power cable
x 1
1700002343
ATX feature cable
x 1
1703150102
Serial ATA HDD power cable
x 1
1700003194
Serial ATA HDD data cable
x 1
1701400452
EIDE (HDD) cable
x 1
1700002223
Parallel port Cable (2.0 mm w/BKT)
x 1
1700008887
USB cable with 4 ports (2.0 mm pitch)
x 1
1700008762
Dual-COM port cable kit for COM1-2
x 1
9689000002
Jumper pack
Accessories
Part Number
Description
IPC-644BP-15ZE
4-slot chassis w/150 W power supply
IPC-6806SB-15ZBE
6-slot chassis w/150 W power supply
PCA-AUDIO-HDA1E
HD Audio-card
PCA-SATAP2-00A1E
IDE/SATA Adapter for CPU cards
1701140201
COM Port Cable without bracket
PCA-COM485
4 x 422/485 COM module
PCA-COM232
4 x 232 COM module
Intel ATOM N270
SC, 1.6 GHz
Intel 945GSE
CRT
LVDS
DDR2 533
SODIMM, 2 GB Max
DVI
ICH7M
VGA
IDE
CF
IDE
LVDS
Channel A
G-LAN2 :
Intel 82574L
1 PCIe x1
Single LAN
1 PCIe x1
Dual LAN
G-LAN2 :
Intel 82574L
To Backplane
(Connector A)
32bit/33 MHz PCI Bus
SDVO
2 SATA I Ports
150 MB/s
5/6 USB Ports
USB 2.0/1.1
BIOS
2 COM
FDD
PS2
LPT
4 x 422/485 with
Auto flow
SPI
ALC 888 Codec
PCA-AUDIO-HDA1E
(Optional)
Super IO
IT8718F
PCA-COM485 Module
(Optional)
HD
LPC Bus
Bracket View
PCI-7030G2-00A1E


Similar Part No. - PCI-7030

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7030G2-00A1E ADVANTECH-PCI-7030G2-00A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
PCI-7030VG-00A1E ADVANTECH-PCI-7030VG-00A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
PCI-7030 ADVANTECH-PCI-7030_11 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
More results

Similar Description - PCI-7030

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7030 ADVANTECH-PCI-7030_11 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
PCI-7031DF-S6A1E ADVANTECH-PCI-7031DF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCI-7031 ADVANTECH-PCI-7031_V01 Datasheet
574Kb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
9-Apr-2018
PCI-7031D-S6A1E ADVANTECH-PCI-7031D-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
PCM-9361 ADVANTECH-PCM-9361_12 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
PCI-7031 ADVANTECH-PCI-7031 Datasheet
858Kb / 2P
   Intel짰 Atom N450/D510, PCI Half-Sized SBC with On-board DDR2/VGA/LVDS/Dual GbE/SATA/COM
20-Jan-2010
PCA-6782 ADVANTECH-PCA-6782 Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
PCI-7020 ADVANTECH-PCI-7020 Datasheet
345Kb / 2P
   LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
15-July-2009
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com