Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE507A38AMB+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE507A38AMB+
Description  Precise Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A38AMB+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE507A38AMB+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A38AMB+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
                                                                                                                 
ACE507A
                        Technology
Precise Low Dropout Voltage Regulator
VER 1.6
2
Absolute Maximum Ratings
Operating temperature range applies unless otherwise specified.
Parameter
Symbol
Max
Unit
Input voltage
VIN
-0.3 ~ 6
V
Output Current
VOUT
VSS -0.3 to VIN 0.3
V
Power Dissipation (TA=25℃)
SOT-23-3
SOT-89-3
PD
150
500
mW
Operating Temperature Rang
TOPR
-25 ~ 80
OC
Storage Temperature Rang
TSTG
- 40 to 125
OC
Packaging Type
SOT-89-3
SOT-23-3
3
1
2
3
1
2
Pin
SOT-89-3(A)
SOT-89-3(B)
SOT-23-3
VSS
2
1
1
VIN
3
2
3
VOUT
1
3
2
Ordering information
Selection Guide
ACE507A XX XX + H
AMA : SOT-89-3
AMB: SOT-89-3
BM: SOT-23-3
Output Voltage: 
1.5V/3.3V…..
Pb - free
Halogen - free


Similar Part No. - ACE507A38AMB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A33AMA+H ACE-ACE507A33AMA+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A33AMB+H ACE-ACE507A33AMB+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A33BM+H ACE-ACE507A33BM+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
More results

Similar Description - ACE507A38AMB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A_14 Datasheet
639Kb / 8P
   Precise Low Dropout Voltage Regulator
VER 2.0
ACE507A ACE-ACE507A_11 Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com