Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA-3140-CE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-3140-CE
Description  1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-3140-CE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-3140-CE Datasheet HTML 1Page - Advantech Co., Ltd. FWA-3140-CE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
All product specifications are subject to change without notice
Last updated : 31-Oct-2007
FWA-3140
1U Rackmount Intel® Pentium® 4
Processor-based Platform with 4
PCI LAN Ports/2 PCI Expansion Slots
 Socket 478 Intel® Pentium® 4 or Celeron® D up to 2.8 GHz
 Dual 32-bit/33 MHz PCI expansion slots
 Four 10/100/1000 Mbps LAN ports
 Console port for local setting
 Hard drive mounting bracket for 3.5" drive
 Printer port LCD display module
 Hardware and software watchdog
 LAN Bypass
Introduction
Conceived as a powerful rackmount Internet security platform, the FWA-3140 was specifically designed for secure Internet connectivity. Designed with the Intel Pentium 4 processor,
it provides high performance and meets the requirements for Internet security appliances. The system supports CompactFlash for OS and Internet security applications. This avoids
service disruption caused by hard disk failures. In addition, the FWA-3140 supports up to 2 GB of DDR memory. Both CompactFlash and memory can be accessed and replaced for
software upgrades through an easily removable cover. Designed with the Plug-and-Serve concept in mind, the FWA-3140 offers four 10/100/1000 Mbps LAN ports in the front panel.
For easy access, the front panel has a 9-pin, RS-232 serial port for local system management, maintenance and diagnostics. The FWA-3140 provides an optional 3.5" IDE HDD and
two PCI slots. It is FCC, CE, UL, CCC and RoHS compliant.
Specifications
Processor System
CPU
Intel Pentium 4 / Celeron D
Max. Speed
2.8 GHz
Chipset
Intel 845GV ICH4
Front Side Bus
533/400 MHz
BIOS
Award™ 2 Mbit Flash
Memory
Technology
DDR-SDRAM 200/266/333
Max. Capacity
2 GB
Socket
184-pin DIMM x 2
Ethernet
Interface
10/100Base-TX
10/100/1000Base-TX
Controller
Intel 82551QM
Intel 82541PI
Connector
RJ-45 x 4
LAN Bypass
2 segment on GbE ports
Drive Bay
3.5" HDD
1
Cooling
Fan
2 (15 CFM)
Blower
1
Management
Console
RS-232 x 1
Miscellaneous
Power Switch
1
Power Reset Button
1
CompactFlash Socket
1 on IDE 0 (Primary/Master)
LCD Display Module
1
Power
Input
ATX PS, AC 90 ~ 264 V @ 47 ~ 63 Hz, full range
Output
250 W
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical Characteristics
Dimensions (W x H x D)
430 x 44 x 369 mm (16.9" x 1.7" x 14.5")
Weight
4.5 kg (9.9 lb)
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - FWA-3140-CE

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA-3000AH COOPER-FWA-3000AH Datasheet
750Kb / 20P
   High Speed Fuses
FWA-300B COOPER-FWA-300B Datasheet
750Kb / 20P
   High Speed Fuses
logo
Advantech Co., Ltd.
FWA-3033 ADVANTECH-FWA-3033 Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
FWA-3033-00A1R ADVANTECH-FWA-3033-00A1R Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
FWA-3033L-00A1S ADVANTECH-FWA-3033L-00A1S Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
More results

Similar Description - FWA-3140-CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-710 ADVANTECH-FWA-710 Datasheet
733Kb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-700 ADVANTECH-FWA-700 Datasheet
1Mb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
SYS-2U2000-2S04 ADVANTECH-SYS-2U2000-2S04 Datasheet
417Kb / 2P
   2U Rackmount Pentium짰 4 System with Four PCI Slots
SYS-1U1000-3S01 ADVANTECH-SYS-1U1000-3S01 Datasheet
496Kb / 2P
   1U Rackmount Pentium짰 M System with Two 64-bit PCI Slots
FWA-3240 ADVANTECH-FWA-3240 Datasheet
1Mb / 2P
   1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
SYS-2U2010-2A01 ADVANTECH-SYS-2U2010-2A01 Datasheet
395Kb / 2P
   2U Intel짰 Pentium짰 4 2U System with 3 PCI slots
SYS-2U2000-2S03 ADVANTECH-SYS-2U2000-2S03 Datasheet
565Kb / 2P
   2U Rackmount Pentium짰 4 System with 1 ISA and 3 PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com