Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50923BM+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE50923BM+
Description  Low noise, fast response 500mA LDO regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50923BM+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE50923BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50923BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
                                                                                                                      
ACE509
                        Technology
Low noise, fast response 500mA LDO regulator
VER 1.2 2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
10
V
Output Current
500
mA
Power Dissipation
SOT-23-5
SOT-23-3
SOT-89-3
TO-92
250
200
500
350
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Packaging Type
SOT-23-5
SOT-23-3
SOT-89-3
TO-92
5
4
3
1
2
3
1
2
1
2
3
1 2 3
Pin
SOT-23-5
SOT-23-3
SOT-89-3(A)
SOT-89-3(B)
TO-92
Function
VOUT 
5
2
1
3
3
Output pin
VDD 
1
3
3
2
1
Input Pin
VSS 
2
1
2
1
2
Ground Pin
CE 
3
Chip Enable Pin
NC 
4
No Connection
Ordering information
Selection Guide
ACE509 XX XX + H
BN: SOT-23-5
BM: SOT-23-3
AMA: SOT-89-3A
AMB: SOT-89-3B
EP: TO-92
Output Voltage: 
1.2V/1.5V…..4.5V
Pb - free
Halogen - free


Similar Part No. - ACE50923BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE50912AMB+H ACE-ACE50912AMB+H Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE50912AN+H ACE-ACE50912AN+H Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE50912BM+H ACE-ACE50912BM+H Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE50912BN+H ACE-ACE50912BN+H Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
More results

Similar Description - ACE50923BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com