Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50234BNA+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE50234BNA+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50234BNA+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE50234BNA+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50234BNA+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
                                                                                                                      
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
Description
ACE502 series is a group of positive voltage output, low power consumption, low dropout voltage, three
terminal regulator. It can provide 200mA output current when input / output voltage differential drops to
470mV(Vout=2.0V)
The very low power consumption of ACE502(Iq=7uA)can greatly improve natural
life of batteries.
ACE502 can provide output value in the range of 1.5V~6.0V in 0.1V steps. It also can customized on
command.
ACE502 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE502 has well load transient response and good temperature characteristic, which can assure the
stability of chip and power system. And it uses trimming technique to guarantee output voltage accuracy
within ±2%.
ACE502 is available in SOT-89-3、SOT-23-3、SOT-23-5 packages which is lead free,it also can available
in these packages with lead.
Features
Low Power Consumption: 7uA (Typ)
Maximum Output Current: 400mA
Small Dropout Voltage 250mV@100mA (Vout=2.0V) / 470mV@200mA (Vout=2.0V)
Input Voltage Range: 2.0V~10V
Output Voltage Range: 1.5V~6.0V (customized on command in 0.1V steps)
High Accurate: ±2% (±1% customized)
Output Current Limit
Application
Battery Powered equipment
Power Management of MP3. PDA. DSC. Mouse. PS2 Games
Reference Voltage Source
Regulation after Switching Power
Typical Performance Characteristic:
A CE50218AM+ Dropout Voltage
Vin (V)


Similar Part No. - ACE50234BNA+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5023T ACE-ACE5023T Datasheet
190Kb / 3P
   Low Noise, High PSRR, High Speed, CMOS LDO
VER 1.3
More results

Similar Description - ACE50234BNA+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com