Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D105C1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ADC1413D105C1
Description  Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D105C1 Datasheet(HTML) 1 Page - NXP Semiconductors

  ADC1413D105C1 Datasheet HTML 1Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 2Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 3Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 4Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 5Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 6Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 7Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 8Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1.
General description
The ADC1413D is a dual channel 14-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performances and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1413D is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3.3 V
source for analog and a 1.8 V source for the output driver, it has two serial outputs,
because of the two lanes of differential outputs, which are compliant with the JESD204A
standard. An integrated SPI (Serial Peripheral Interface) allows the user to easily
configure the ADC. A set of IC configurations is also available via the binary level control
pins taken, which are used at power-up. The device also includes a programmable gain
amplifier with flexible input voltage range.
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1413D ideal for use in communications, imaging and
medical applications.
2.
Features
3.
Applications
ADC1413D065/080/105/125
Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A
interface
Rev. 02 — 4 June 2009
Objective data sheet
I SNR, 73 dB
I Input bandwidth, 600 MHz
I SFDR, 90 dBc
I Power dissipation, 995 mW at 80 Msps
I Sample rate up to 125 Msps
I SPI interface
I Dual channel 14-bit pipelined ADC core I Duty cycle stabilizer
I 3.3 V, 1.8 V single supplies
I High IF capability
I Flexible input voltage range:
1 V (p-p) to 2 V (p-p) with 6 dB
programmable fine gain
I Offset binary, 2’s complement, gray
code
I 2 configurable serial outputs
I Power-down and Sleep modes
I Compliant with JESD204A serial
transmission standard
I HVQFN56 package
I INL ± 1 LSB; DNL ± 0.5 LSB
I Wireless and wired broadband communications
I Spectral analysis
I Portable instrumentation
I Ultrasound equipment
I Imaging systems


Similar Part No. - ADC1413D105C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D105C1 NXP-ADC1413D105C1 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
More results

Similar Description - ADC1413D105C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com