Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1050L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS1050L
Description  Current SensorCurrent Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS1050L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS1050L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 131
Document 131
Revised 04/14/09
CurrentSensors-D18XX,CS1XXXSeries
Designed for use above 20 kHz, these sensors function
as the secondaries of a current transformer. The con-
ductor carrying the current to be measured is the “one
turn primary.” Sensitivity can be set at 1 Volt per Ampere
or at other desired values. It can also be doubled by
looping the conductor through the hole twice. Applica-
tions include sensing branch circuit overload, switcher
feedback, and detecting load drop or shutdown.
They come in a molded version (CS1XXX Series) or
encapsulated model (D18XX Series).
Coilcraft Designer’s Kit P403 contains samples of
the CS1050, 1100 and 1200 sensors, current trans-
former versions with equivalent ratings, plus two 50/
60 Hz current sensors. To order, contact Coilcraft or
visit http://order.coilcraft.com.
Sensed
Sensitivity
Terminating
Part
Inductance
current Iin
Vout
Iin
resistor
Color
number
Turns
min (mH)
max (A)
(V)
(A)
RT (Ohms)1
code
D1869L
50
5
10
1
1
50
Green
D1870L
100
20
24
1
1
100
Brown
D1871L
200
80
35
1
1
200
Red
CS1050L
50
5
10
1
1
50
CS1100L
100
20
24
1
1
100
CS1200L
200
80
35
1
1
200
CS1750L
750
1125
30
1
1
750
1. Varying terminating resistance will increase or decrease output Voltage/Ampere in conductor.
2. Operating temperature range -40°C to +85°C.
3. Electrical specifications at 25°C.
D1xx Series
Leads 3 and A are in phase per orientation shown above.
0.75
19,05
0.20
5,08
0.033 ±0.002
0,84 ±0,05
0.50 ±0.015
12,7 ±0,38
0.80
20,30
max
min
1
3
3
Date
code
Color
code
max
0.465
11,81
0.125
3,175
0.45
11,43
0.34
8,64
max
A
max
max
max
B
0.80
20,3
0.20
5,08
max
min
0.70
17,8
max
0.50 ±0.015
12,7 ±0,38
1
3
3
A
B
0.158/0.218
5,54
4,01/
0.036/0.030
0,91/0,76
0.375
9,53
max
CS1xxx Series
1
+
AB
Iin
R
T
3
Vout
Terminations: Tin-silver over copper
Weight:
4.0 – 4.5 g
Typical Circuit
Terminations: Tin-silver over copper
Weight:
5.3 – 5.8 g


Similar Part No. - CS1050L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS1050L COILCRAFT-CS1050L Datasheet
297Kb / 1P
   D1869L_15
More results

Similar Description - CS1050L

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com