Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE70335AN+ Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE70335AN+
Description  White LED PFM Step-Up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE70335AN+ Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE70335AN+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 11Page - ACE Technology Co., LTD. ACE70335AN+ Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
 
                                                                                                                      
ACE703
                        Technology
White LED PFM Step-Up DC-DC Converter
VER 1.2
8
Cf
R
D
Vout
Vout
r
load
=
Δ
=
Vout
R
ax
r
r
ESR
+
=
Im
'
1
2
1 +
=
R
R
V
Vout
IFB
2
)
1
(
R
V
Vout
IFB
×
Vout
Vout
I
C
L
Vout
L
+
Δ
2
2
(2) Capacitor Selection
Ignore ESR of capacitor, the ripple of output voltage is:
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow down system
reaction and cost will improve. So 100uF capacitor is recommended. Larger capacitor value will be used
in large output current system. If output current is small (<10mA), small value is needed.
Consider ESR of capacitor, ripple will increase:
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV.The ESR
will affects efficiency and increase energy loss. So low-ESR capacitor (for example: tantalum capacitor) is
recommend or connect two or more filter capacitors in parallel.
(3) Diode Selection
Rectifier diode will affects efficiency greatly,Though a common diode (such as 1N4148) will work well for
light load, it will reduce about 5%~10% efficiency for heavy load, For optimum performance, a Schottky
diode (such as 1N5817.1N5819.1N5822) is recommended.
(4) Input Capacitor
If supply voltage is stable, the DC-DC circuit can output low ripple, low noise and stable voltage without
input capacitor. If voltage source is far away from DC-DC circuit, input capacitor value greater than 10uF
is recommended.
(5) Resistor R1.R2 for output voltage detect
In constant current application,R1 and R2 can be selected by following expression:
For example, when VIFB=400mV,Vout=3.3V.
If R2=4KΩ,then R1=
=29KΩ;if R2=40KΩ,then R1=290 KΩ.
(6) Selection of L.C and compensation capacitor C1
When the load current is large(eg: Iout=100mA),the output voltage ripple will increase:
As we can see, When output current is large, the maximum current of the inductor IL will increase, thus
the ripple of the output voltage will increase. To decrease the ripple, there are two ways:


Similar Part No. - ACE70335AN+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE7010M ACE-ACE7010M Datasheet
504Kb / 7P
   N-Channel 100-V (D-S) MOSFET
VER 1.1
ACE701125AM+H ACE-ACE701125AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701125BN+H ACE-ACE701125BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE70335AN+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8532B BELLING-BL8532B Datasheet
173Kb / 11P
   White LED PFM Step-Up DC-DC Converter
BL8532 BELLING-BL8532 Datasheet
2Mb / 13P
   White LED PFM Step-Up DC-DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com