Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE701335BM+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE701335BM+
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701335BM+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE701335BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701335BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
3
Block Diagram
ACE701
Recommended Work Conditions
Item
Min
Nom
Max
Unit
Input Voltage Range
0.8
Vout
V
Inductor
10
27
100
μH
Input capacitor
0
10
μF
Output capacitor
47
100
220
μF
Operating junction temperature
-20
85
*Suggestion: Use tantalum capacitor to reduce the ripple of the output voltage.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
Output Voltage
Vout
5.88
6.0
6.12
V
Input Voltage
Vin
12
V
Input Current
Lin
Iout=0mA, Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA, Vin:0 2V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA, Vin:2 0V
0.6
0.7
V
Quiescent current drawn from
power source
IDD
Without external components,
Vout=Vout x 1.05
4
7
uA
Switch ON Resistance
Rswon
0.4
0.5


Similar Part No. - ACE701335BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701330AM+H ACE-ACE701330AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701330BN+H ACE-ACE701330BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE701335BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com