Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE55541AMB+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE55541AMB+
Description  400mA LDO Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55541AMB+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE55541AMB+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55541AMB+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55541AMB+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55541AMB+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55541AMB+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55541AMB+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
3
Recommended Work Conditions
Item
Min
Nom
Max
Unit
Input Voltage Range
18
V
Ambient Temperature
-50
140
OC
Electrical Characteristics
Symbol
Prameter
Condition
Min
Typical
Max
Units
ACE555-1.8V
1.764
1.80
1.836
V
ACE555-2.5V
2.45
2.5
2.55
V
ACE555-2.85V
2.793
2.85
2.907
V
ACE555-3.3V
3.234
3.3
3.366
V
Vout
Output Voltage
ACE555-5.0V
4.9
5
5.1
V
Vin=5V~15V
0.2
0.4
%
ΔVout
Line Regulation(note1)
ACE555-5.0V
(Vin=7V~15V)
0.2
0.4
%
ΔVout
Load Regulatiion(note1,2)
IL=0~400mA
0.2
0.4
%
Dropout
Voltage
Input-Output Voltage
Differentia(note3)
ΔVout, ΔVref,=1%,
Iout=400mA
1.22
1.3
V
Current
Limit
Max Load Current
Vin-Vout=2V, Tj=25℃
600
mA
Iq
Quiescent Current
4
8
mA
ΔVout/
ΔT∙Vout
Temperature Stability
0.5
%
Note:1.The Parameters of Line Regulation and Load Regulation in Table1 are tested under constant junction temperature. The
Curve of Load Regulation vs. Temperature is shown in typical parameter curve that follows.
2.When Iout varies between 0~400mA,Vin-Vout varies between 1.5V~12V under constant junction temperature,the
parameter is satisfied the criterion in table. If temperature varies between -50 ≤TA≤140
℃℃,
it needs output current to be
larger than 10mA to satisfy the criterion.
3.Dropout Voltage is specified over the full output current range of the device, and it is tested under following testing
conditions: First step is to find out the Vout value (Vout1) when Vin1=Vout+1.5V, second step is to decrease Vin(Vin2)
until Vout value is equal to 99%*Vout1(Vout2). Vdropout=Vin2-Vout2.
4.Minimum Load Current is defined as the minimum output current required to maintain regulation. When
1.5V Vin
-Vout 12V
the device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - ACE55541AMB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
More results

Similar Description - ACE55541AMB+

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com