Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE154 Datasheet(PDF) 1 Page - Transys Electronics

Part # TE154
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

TE154 Datasheet(HTML) 1 Page - Transys Electronics

  TE154 Datasheet HTML 1Page - Transys Electronics TE154 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TE150 THRU TE1510
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
1.5 ampere operation at TA=55 with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Glass passivated junction
MECHANICAL DATA
Case: Molded plastic , DO-15
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.015 ounce, 0.4 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TE150
TE151
TE152
TE154
TE156
TE158
TE1510 UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=55
1.5
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
50
A
Maximum Forward Voltage at 1.5A
1.1
V
Maximum Reverse Current Ta=25
at Rated DC Blocking Voltage Ta=100
5.0
50
A
A
Typical Junction capacitance (Note 1)
25
PF
Typical Thermal Resistance (Note 2) R JA
45.0
/W
Operating and Storage Temperature Range
TA
-55 TO +150
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2.
Thermal Resistance from Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B
mounted.
DO-15


Similar Part No. - TE154

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE154R TRSYS-TE154R Datasheet
120Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results

Similar Description - TE154

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com