Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK08H11100X7 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK08H11100X7
Description  Without Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK08H11100X7 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK08H11100X7 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
390
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Without Knob Type
RK08H Series
Compact type potentiometer suitable for volume and tone controls.
Refer to P.393 for product varieties.
Refer to
P.393, 502 for resistance taper.
Items
Specifications
Typical Specifications
Total resistance tolerance
Maximum operating voltage
Total rotational angle
Operating life
Operating temperature range
±30%
50V AC
20V DC
(Single-unit only)
200
±10°
Without detent
10,000cycles
With detent
5,000cycles
−10℃ to +60℃
Length
of the shaft
(mm)
1
4.5
1
1. Products other than those listed in above products are also available. Please contact us for details.
2. Dip soldering can be applied to the above products. For dip soldering applications, specify separately as "dip
soldering applicable product." Back-to-back mounting types are excluded.
3. We recommend print boards with a thickness of 0.8mm to 1.2mm. For 1.6mm thickness board applications,
please contact us.
Notes
Product Line
Number
of resistor
elements
Mounting
direction
Vertical
type
Back-to-back
mounting type
Vertical
type
Back-to-back
mounting type
Vertical type
Center
detent
Without
Without
With
Total
resistance
(kΩ)
50
10
50
10
10
50
10
100
50
1B
15A
15C
1B
15A
RK08H11100U3
RK08H11100UD
RK08H11100XC
RK08H1110A04
RK08H11100X7
RK08H1120030
RK08H113003Q
RK08H113003G
RK08H12100GP
RK08H12100F3
RK08H122005A
RK08H123002K
100
1,000
100
1,000
1
1
3
2
3
4
4
Resistance
taper
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
Manual
Manual
Reflow
Reflow
Soldering
15C
15C
15A
Knob Operating Type Potentiometer


Similar Part No. - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK08H11100X7 ALPS-RK08H11100X7 Datasheet
836Kb / 6P
   Compact type potentiometer suitable for volume and tone controls
logo
List of Unclassifed Man...
RK08H11100X7 ETC-RK08H11100X7 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK10J ALPS-RK10J Datasheet
319Kb / 6P
   With Knob Type
logo
Schneider Electric
9001KR9 SCHNEIDER-9001KR9 Datasheet
103Kb / 2P
   30MM PUSH-PULL OPERATOR WITHOUT KNOB
Dec 23, 2021
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
1227-K ETC2-1227-K Datasheet
95Kb / 1P
   KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
   KNOB
3025AS ETC2-3025AS Datasheet
77Kb / 1P
   KNOB
3008-W ETC2-3008-W Datasheet
82Kb / 1P
   KNOB
3065-E ETC2-3065-E Datasheet
82Kb / 1P
   KNOB
2820-B ETC2-2820-B Datasheet
79Kb / 1P
   KNOB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com