Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09K1130BM4 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K1130BM4
Description  9mm Size Insulated Shaft Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K1130BM4 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK09K1130BM4 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K1130BM4 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
372
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Insulated Shaft Potentiometer
Refer to P.373,502 for resistance taper.
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
5
10
20
50
100
200
Resistance Taper
Shaft Variety
Resistance taper
15A
1B
3B
15C
Number
of resistor elements
Single-unit
Dual-unit
Style
Shaft type
Shaft
color
Black
Gray
(15,20,25)
Black
(30)
Black
Gray
(20,25)
Black
(30)
Black
Knob variety
Knob type
(φ6)
Detail dimensions
LM1
LM1
Mounting surface
Horizontal type
Vertical type
40 Teeth knurl
Shaft shown at
center position
R1
Screw-driver adjustment type
40 Teeth knurl
Shaft shown at
center position
R1
Flat type
50˚
Shaft shown in full CCW position
R1
Flat type
60
˚
Shaft shown in full CCW position
R1
Flat type
50˚
Shaft shown in CCW position
R1
Flat type
60
˚
Shaft shown in full CCW position
R1
Flat type
50˚
R1
Shaft shown in full CCW position
Flat type
50˚
R1
Shaft shown in CCW position
Mounting surface
LM1
LM1
With collar
LM1
LM1
Mounting surface
Horizontal type
Vertical type
Mounting surface
LM1
LM1
With collar
LM1
R1
15
6
20
7
25
7
30
7
LM1
R1
15
6
20
7
25
12
30
12
LM1
R1
15
6
20
7
25
12
30
12
LM1
R1
20
7
25
12
30
12
LM1
R1
20
7
25
12
30
12
LM1
R1
15
6
20
7
25
12
30
12
LM1
R1
20
7
25
12
30
12
LM1
R1
9.5
15
6
20
7
Unit:mm
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK09K1130BM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK09K1130BM4 ETC-RK09K1130BM4 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09K1130BM4

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com