Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK11K1130A07 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK11K1130A07
Description  11mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK11K1130A07 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK11K1130A07 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK11K1130A07 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK11K1130A07 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK11K1130A07 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK11K1130A07 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
375
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Insulated Shaft Potentiometer
11mm Size Insulated Shaft Snap-in Type
RK11K Series
25
12
2.6
6.1
2
(8.1)
Dimensions
No.
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
Unit:mm
1
2
3
4
Horizontal type with bushing
RK11K112(Single-unit)
Vertical type with bushing
RK11K114(Single-unit)
60
˚
11
(12)
(1.6)
0.8
9.4
Shaft shown in
full CCW position
R
1
LM1
60
˚
(3.2)
(3.5)
11
(8.1)
surface
Mounting
Shaft shown in
full CCW position
R
1
LM1
60
˚
(7.5)
11
8
(12)
(1.6)
0.8
9.4
6.1
2
2.6
L1
5
M9
G0.75
Shaft shown in
full CCW position
5.4
5.4
8
11
60˚
R
1
(7.5)
(3.2)
(3.5)
L1
LM1
surface
Mounting
M9
G0.75
Shaft shown in
full CCW position
5
3.3
2.1
T
=1.6
4-ø1 holes
13
2
7.5
2.5
4-ø1 holes
3.3
7.5
2.1
Mounting
surface
4-ø1 holes
2.5
7.5
2
13
4-ø1 holes
Horizontal type without bushing
RK11K111(Single-unit)
LM1
25
20
R
1
12
15
4.5
7
L1
15
20
LM1
22.5
27.5
R
1
7
17.5
25
12
12
L1
12.5
15
LM1
20
22.5
R
1
7
7
17.5
20
25
27.5
12
12
22.5
25
30
32.5
12
12
Vertical type without bushing
RK11K113(Single-unit)


Similar Part No. - RK11K1130A07

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K1130A07 ALPS-RK11K1130A07 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK11K1130A07 ETC-RK11K1130A07 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK11K1130A07

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com