Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09K1130081 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K1130081
Description  9mm Size Insulated Shaft Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K1130081 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK09K1130081 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K1130081 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
373
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type Potentiometer
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 0 9 K 1 1 3 0
F 2 0
C 0
B 1 0 3
Detent
Code
C0
C1
Center detent
Without
With
Model type
Code
K111
K113
Model type
280
°single-unit horizontal type H=6.5
D111
300
°single-unit horizontal type H=10
D113
300
°single-unit vertical type
K12A
280
°dual-unit horizontal type H=6.5
K12C
280
°dual-unit vertical type
280
°single-unit vertical type
Shaft type
Code
F
Shaft type
Flat
Code
X
Shaft type
Driver
K
Knob
Length of the shaft
(LM1
(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
Resistance taper
Code
A
B
Resistance taper
15A
1B
Resistance taper
15C
Code
C
3B
V
Total resistance
Code
502
103
203
Total resistance
(kΩ)
5
10
20
Total resistance
(kΩ)
50
100
Code
503
104
200
204
1. RK09D comes with a collar.
2. The recommended specification for RK09K does not include a collar. For collar requirements please indicate separately.
3.
marked are specifications recommended by ALPS.
Notes
*All RK09D types are single-ganged.
*For other horizontal type mount height requirements,
please indicate separately.
*20, 25 and 30 are the only available RK09D types.
*9.5,15 and 20 are the only available models in the driver shape.
*1B is a recommended specification for single-
unit.
*3B is a recommended specification for dual-
unit.
*All RK09D types are only available in flat format.
B: For tone & general
V: For vol.


Similar Part No. - RK09K1130081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK09K1130081 ETC-RK09K1130081 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09K1130081

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com