Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09K1130A70 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K1130A70
Description  9mm Size Insulated Shaft Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K1130A70 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK09K1130A70 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K1130A70 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
371
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Insulated Shaft Potentiometer
Insulated Shaft Potentiometer
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
PC board mounting
hole dimensions
(Viewed from mounting side)
Terminal Layout/Circuit Diagram
Dual-unit
Tapers 15A, 1B, 3B
3
1
2
2
1
3
2
3
1
1
2
3
1
1
2
2
3
3
Tapers 15C
Dimensions
No.
Photo
Style
Unit:mm
9
10
11
12
0.8
2.4
2
6.8
9.8
50
˚
0.8
7.4
Shaft shown in
full CCW position
R1
LM1
0.8
3.8
3.2
6.8
9.8
50
˚
Shaft shown in
full CCW position
R1
LM1
5
7
2.4
2
20
6.8
9.8
50
˚
0.8
7.4
Shaft shown in
full CCW position
5
3.8
3.2
6.8
9.8
50
˚
Shaft shown in
full CCW position
R1
LM1
T
=1.6
3.3
2.5
2.1
5-ø
1 h
ole
s
5
2.5
1.8
10.6
2.5
3.3
2.1
5-ø
1 h
ole
s
5
2.5
10.6
1.8
Horizontal type
RK09K12A
Vertical type
RK09K12C
Single-shaft, dual-unit
Horizontal type with collar
RK09K12A
Vertical type with collar
RK09K12C
15
20
6
7
LM1
R1
25
30
12
12
LM1
R1
15
20
6
7
30
12
LM1
R1
3
1
2
2
1
3
2
3
1
1
1
1
2
2
2
3
3
3


Similar Part No. - RK09K1130A70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK09K1130A70 ETC-RK09K1130A70 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09K1130A70

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com