Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09L1240A12 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L1240A12
Description  9mm Size Metal Shaft Snap-in Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L1240A12 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK09L1240A12 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
363
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Metal Shaft Potentiometers
Attached Parts
The following parts are included with the product.
Applicable products
RK09L
RK168
RK097
RK203
RK271
RK097
RK098
RK163
RK097
RK098
M9
M8
M7
M6
Bearing screw
diameter
Hexagonal nut
Flat washer
11
M9G0.75
2
11
M8G0.75
2
2
11
M7G0.75
2
8
M6G0.75
ø14
ø9.1
0.5
ø14
ø8.1
0.5
ø12
ø7.2
0.5
ø10
ø6.2
0.5
Unit:mm


Similar Part No. - RK09L1240A12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L1240A12 ALPS-RK09L1240A12 Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
List of Unclassifed Man...
RK09L1240A12 ETC-RK09L1240A12 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L1240A12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com