Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE701455BM+ Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE701455BM+
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701455BM+ Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE701455BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE701455BM+ Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
6
For example: input 1.5V, output is 3.0V, Rload=20Ω, rL=0.5Ω, The energy loss is 10%.
Consider all above,inductor value of 47uH、ESR<0.5Ω is recommended in most applications. Large
value is recommended in high efficiency applications and smaller value is recommended
(2)Capacitor Selection
Ignore ESR of capacitor,the ripple of output voltage is:
R=ΔVout / Vout=D / Rload Cf
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow down system
reaction and cost will improve. So 100uF capacitor is recommended. Larger capacitor value will be used
in large output current system. If output current is small (<10mA), small value is needed.
Consider ESR of capacitor,ripple will increase:
r'=r+Imax‧RESR / Vout
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV。The ESR
will affects efficiency and increase energy loss. So low-ESR capacitor (for example: tantalum capacitor) is
recommend or connect two or more filter capacitors in parallel.
(3)Diode Selection
Rectifier diode will affects efficiency greatly,Though a common diode (such as 1N4148) will work well for
light load,it will reduce about 5%~10% efficiency for heavy load,For optimum performance, a Schottky
diode (such as 1N5817、1N5819、1N5822) is recommended.
(4)Input Capacitor
If supply voltage is stable, the DC-DC circuit can output low ripple, low noise and stable voltage without
input capacitor. If voltage source is far away from DC-DC circuit, input capacitor value greater than 10uF
is recommended.
Test Circuits
(1) Output voltage test circuit (Iload=1mA)
ACE701


Similar Part No. - ACE701455BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701425AM+H ACE-ACE701425AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701425BN+H ACE-ACE701425BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430AM+H ACE-ACE701430AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430BN+H ACE-ACE701430BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701460AM+H ACE-ACE701460AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE701455BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com