Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09K1110B1R Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K1110B1R
Description  9mm Size Insulated Shaft Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K1110B1R Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK09K1110B1R Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K1110B1R Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
369
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Insulated Shaft Potentiometer
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Dual-unit
(Not applicable
to DC
30
20
15
25
30
15
20
280
±5°
Without
With
Without
With
RK09K12C0A19
RK09K12C0A2S
RK09K12C0A8G
RK09K12C0D0U
RK09K12C0A8K
RK09K12A0A2K
RK09K12A0A6R
RK09K12A0B0W
1,000
10
12
9
11
Refer to P.372 for product varieties.
Products other than those listed in above products are also available. Please contact us for details.
Note
Vertical
type
Horizontal
type
H
=6.5mm
Flat
Without
10
50
20
10
50
15A
Resistance
taper
Number of
resistor
elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Total
rotation
angle
Collar
(Sleeve type)
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Product Line
2.5
1.8
5
10.6
3-ø
1 h
ole
s
PC board mounting
hole dimensions
(Viewed from mounting side)
9.8
0.8
3.8
3.2
6.8
R1
12
12
30
25
20
15
7
6
Shaft shown in
full CCW position.
Mounting Surface
R1
LM1
LM1
50°
Dimensions
No.
Photo
Style
Unit:mm
1
2
3
4
Horizontal type with collar
RK09D111
Vertical type
with collar
RK09D113
LM1
0.8
6.8
5.9
2
2.4
50°
9.8
7.4
0.8
1 2 3
7
6
LM1
15
20
R1
R1
Shaft shown in
full CCW position.
12
25
5
2.4
5.9
2
6.8
9.8
Shaft shown in
full CCW position.
60°
5
3.8
3.2
6.8
R1
12
12
30
25
20
7
Mounting surface
R1
LM1
LM1
3.3
3-ø
1 h
ole
s
2.1
2.5
1.8
5
10.6
3-ø
1
ho
les
3.3
3-ø
1 h
ole
s
2.1
Horizontal type
RK09K111
Vertical type
RK09K113
Single-shaft, single-unit
9.8
0.8
7.4
1.6
Shaft shown in
full CCW position.
60°


Similar Part No. - RK09K1110B1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK09K1110B1R ETC-RK09K1110B1R Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09K1110B1R

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com