Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1631210AX9 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631210AX9
Description  16mm Size Metal Shaft Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631210AX9 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK1631210AX9 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
350
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
16mm Size Metal Shaft Type Potentiometer
Applications
Refer to P.363 for attached parts.
Refer to
P.351, 502 for resistance taper.
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
5
10
20
50
100
200
Product Specifications and Applications
Type
Single-shaft, single-unit
Single-shaft, dual-unit
RK16311
RK16312
General
General or Volume and
tone control
Center
21
31
41
Model
Detent variety
Resistance Taper
Resistance taper
15A
1B
3B
15C
Dimensions of Shaft
1
)18 teeth knurl
L1
LB
R1
C1
18 teeth knurl
Not specified
slotting angle
M7
G0.75
Y
Y
X
X
Shaft shown in
full CCW position
¡The serration angle
shall be as shown.
2
)Flat type
L1
LB
C1
Shaft shown in
full CCW position
60
˚
M7G0.75
R1
3
)Slotted type
L1
LB
C0.5
Shaft shown in
full CCW position
60
˚
1.6
M7G0.75
Die-casting shaft
LB
R1
15
20
25
30
5
5
7
7
8
12
12
12
Unit:mm
Unit:mm
Unit:mm
L1
LB
25
30
7
7
15
20
5
7
L1
12
12
7
12
R1
LB
15
20
25
30
7
7
7
7
L1
Detail dimensions
Detail dimensions
Detail dimensions
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK1631210AX9

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631210AX9 ALPS-RK1631210AX9 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
RK1631210AX9 ETC-RK1631210AX9 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631210AX9

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com