Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1631210AX9 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631210AX9
Description  16mm Size Metal Shaft Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631210AX9 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK1631210AX9 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631210AX9 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
351
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Orders Other Than Recommended Products
Sample Part Number
Detent
Code
C0
C1
Detent
Without
Center
21
21
Code
31
41
Detent
31
41
Model type
Code
111
121
Model type
Single-unit
12A
Dual-unit for vol.
Dual-unit for tone
Shaft type
Code
F
Shaft type
Flat
S
Slotted
K
Knurled
Terminal style
Code
P
Terminal style
For PC board
L
Lead terminal
Length of the shaft
(L1
(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
Resistance taper
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
3B
15C
Code
V
C
Total resistance
Code
502
103
Total resistance
(kΩ)
5
203
20
10
Total resistance
(kΩ)
50
100
200
Code
503
104
204
R K 1 6 3 1 1 1 0
F 2 0
C 0
B 1 0 3
P
B: For tone & general(model type : 111,121)
V: For vol.(model type : 111,12A)
marked are specifications recommended by ALPS.
Note
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
16mm Size Metal Shaft Type Potentiometer
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.


Similar Part No. - RK1631210AX9

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631210AX9 ALPS-RK1631210AX9 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
RK1631210AX9 ETC-RK1631210AX9 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631210AX9

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com