Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L7BAS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESD5V0L7BAS
Description  Low capacitance 7-fold bidirectional ESD protection diode arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0L7BAS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESD5V0L7BAS Datasheet HTML 6Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 7Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 8Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 9Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 10Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 11Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 12Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 13Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PESD5V0L7BAS_BS_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 20 August 2009
10 of 14
NXP Semiconductors
PESD5V0L7BAS; PESD5V0L7BS
Low capacitance 7-fold bidirectional ESD protection diode arrays
Fig 10. Package outline SOT96-1 (SO8/MS-012)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.05
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
99-12-27
03-02-18


Similar Part No. - PESD5V0L7BAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results

Similar Description - PESD5V0L7BAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com