Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK10J12R0A0Z Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK10J12R0A0Z
Description  With Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK10J12R0A0Z Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK10J12R0A0Z Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK10J12R0A0Z Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK10J12R0A0Z Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK10J12R0A0Z Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK10J12R0A0Z Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK10J12R0A0Z Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
395
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Unit:mm
No.
Photo
Style
PC board mounting hole
dimensions
(Viewed from mounting side)
1
2
4
5
0.3
9.7
0.3
4
8
6
5.35
7
1.8
0.9
2
ø14
Center of knob
9.3
0.7
4
8
5-ø1
hole
s
10.4
2
8
14
ø14
0.8
4
5.35
6
0.3
3.2
2.5
0.9
1
Center of knob
Solder lands are indicated
by the shaded areas
10
2.2
2.2
4
8
5-1.2
2
2.5
(0.9)
1.6
0.5
2
10.2
4
0.8
4.4
0.8
3.5
8
0.3
6.2
7
4
3.6
ø15
0.3
3.4
2-0.7
4.8
3.9
3.8
2-0.2
2-0.2
2-1.6
Center of knob
Wiring prohibited in
the shaded areas
4
8
17.2
6.2
7
0.3
5.6
6.4
4
8
10.2
1
2
1.1
(0.6)
0.4
(0.9)
0.12
ø15
1.5
14.6
1.5
6.3
5.5
2-1
5-1.2
4
8
Center of knob.
Solder lands are
indicated by
the shaded areas
RK10J1□E
RK10J1□R
3
14
2
4
8
0.8
0.3
0.2
0.2
2.5
3.8
4.7
¿14±0.2
5.35
6
10.4
5Ð1.2
10
2.2
4
8
Center of knob
2.2±0.1
Solder lands are indicated
by the shaded areas
RK10J12R
RK14J1□A
RK14J1□R
Dimensions
Without Knob Type
RK10J/RK14J Series
Knob Operating Type Potentiometer


Similar Part No. - RK10J12R0A0Z

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J12R0A0B ALPS-RK10J12R0A0B Datasheet
927Kb / 7P
   Low-profile, dip and reflow solderable
logo
List of Unclassifed Man...
RK10J12R0A0B ETC-RK10J12R0A0B Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK10J12R0A0Z

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK08H ALPS-RK08H Datasheet
263Kb / 6P
   Without Knob Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
   Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
   Knob Potentiometer with Switch
Revision: 24-Sep-15
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
   Knob Potentiometer With Switch
01-Jan-2022
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com