Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14J12A0A0K Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14J12A0A0K
Description  With Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14J12A0A0K Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK14J12A0A0K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14J12A0A0K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14J12A0A0K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14J12A0A0K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14J12A0A0K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14J12A0A0K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
397
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 1 4 J 1 1 A
K 1
B 2 0 3
Model type
Code
RK10J11E
RK10J12E
Model type
10mm size single-unit print terminal
RK10J11R
10mm size single-unit Reflow type
RK10J12R
10mm size dual-unit Reflow type
10mm size dual-unit print terminal
RK14J11A
RK14J12A
14mm size single-unit print terminal
14mm size dual-unit print terminal
RK14J11R
RK14J12R
14mm size single-unit Reflow type
14mm size dual-unit Reflow type
Resistance taper
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
15C
Code
C
3B
V
Total resistance
Code
103
203
Total resistance
(kΩ)
10
20
Total resistance
(kΩ)
50
100
Code
503
104
Circuit Diagram
1
2
3
2
3
1
1
2
3
2
3
1
1
2
3
Single-unit
Dual-unit
Dual-unit resistance taper 15 C
Shaft type (Outer diameter
・Thickness)
*Color : Black
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(
15
A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
Code
K1
RK10J1
□E
K2
K3
K4
V14 t0.9
K5
V16 t3.0
RK10J1
□R
V14 t1.0
V14 t2.5
V16 t2.5
RK14J1
□A
V15 t0.9
V15 t3.0
V18 t3.0
RK14J1
□R
V15 t0.9
V15 t3.0
B: For tone & general
V: For vol.
marked are specifications recommended by ALPS.
Note
Knob Operating Type Potentiometer


Similar Part No. - RK14J12A0A0K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14J12A0A0K ALPS-RK14J12A0A0K Datasheet
927Kb / 7P
   Low-profile, dip and reflow solderable
logo
List of Unclassifed Man...
RK14J12A0A0K ETC-RK14J12A0A0K Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14J12A0A0K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK08H ALPS-RK08H Datasheet
263Kb / 6P
   Without Knob Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
   Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
   Knob Potentiometer with Switch
Revision: 24-Sep-15
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
   Knob Potentiometer With Switch
01-Jan-2022
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com