Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14J11R000H Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14J11R000H
Description  With Knob Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14J11R000H Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK14J11R000H Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14J11R000H Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14J11R000H Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14J11R000H Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14J11R000H Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14J11R000H Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
396
Knob
Operating
Metal
Shaft
Insulated
Shaft
Slide
Potentiometers
Rotary
Potentiometers
Knob Operating Type Potentiometer
Black Gray Ivory White
Black Gray Ivory White
Refer to P.397, 502 for resistance taper.
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
10
20
50
100
Resistance Taper
Resistance taper
15A
1B
3B
15C
PC board Mounting Hole Details
10mm
Single-unit
Dual-unit
RK10J1
□E
10mm
Single-unit
Dual-unit
RK10J1
□R
(Reflow-type)
14mm
Single-unit
Dual-unit
RK14J1
□A
RK14J1
□R
Resistance taper A or B
Resistance taper C
Single-unit
Single-unit
Dual-unit
Dual-unit
12
3
R1
R2 1
2 3
12
3
12
3
R1
R2
1 2
3
123
1 23
12 3
R1
R2
12
3
R1
R2
2
3
12
3
1
1 23
12
3
R1
R2
123
12
3
12
3
R1
R2
1 3 2
12
3
Knob Variety
Mounting Plate Types and Terminal Types
Thickness t
Outside diameter D
Applicable
models
RK10J11E
RK10J12E
RK10J11R
RK10J12R
(Reflow-type)
RK14J11A
RK14J12A
RK14J11R
RK14J12R
(Reflow-type)
Knob variety
Type
K4
K5
K1
K2
K3
K1
K2
K3
K1
K2
φ14
φ16
φ14
φ16
φ15
φ18
φ15
φ14
φ15
φ15
0.9
3.0
1.0
2.5
0.9
3.0
0.9
3.0
1.8
4.0
2.5
3.8
2.5
4.6
2.0
4.1
Outer
Diameter D
Knob
thickness
(mm)
Color
Black
Black
Body
thickness
(mm)
4
3.6
2.5
9.7
R7
2.5
2.8
RK10J1□E
Unit:mm
RK14J1□A
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK14J11R000H

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14J11R000H ALPS-RK14J11R000H Datasheet
927Kb / 7P
   Low-profile, dip and reflow solderable
logo
List of Unclassifed Man...
RK14J11R000H ETC-RK14J11R000H Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14J11R000H

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
   With Knob Type
RK08H ALPS-RK08H Datasheet
263Kb / 6P
   Without Knob Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
   Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
   Knob Potentiometer with Switch
Revision: 24-Sep-15
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
   Knob Potentiometer With Switch
01-Jan-2022
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com