Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1751LT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1751LT
Description  GreenChip III SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1751LT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1751LT Datasheet HTML 6Page - NXP Semiconductors TEA1751LT Datasheet HTML 7Page - NXP Semiconductors TEA1751LT Datasheet HTML 8Page - NXP Semiconductors TEA1751LT Datasheet HTML 9Page - NXP Semiconductors TEA1751LT Datasheet HTML 10Page - NXP Semiconductors TEA1751LT Datasheet HTML 11Page - NXP Semiconductors TEA1751LT Datasheet HTML 12Page - NXP Semiconductors TEA1751LT Datasheet HTML 13Page - NXP Semiconductors TEA1751LT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TEA1751T_LT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 December 2009
10 of 29
NXP Semiconductors
TEA1751T; TEA1751LT
GreenChip III SMPS control IC
7.2.6 Low power mode
When the output power of the flyback converter (see Section 7.3) is low, the flyback
converter switches over to frequency reduction mode. When frequency reduction mode is
entered by the flyback controller, the power factor correction circuit is switched off to
maintain high efficiency.
During low power mode operation the PFCCOMP pin is clamped to a minimal voltage of
2.7 V (typical) and a maximum voltage of 3.9 V (typical). The lower clamp voltage limits
the maximum power that is delivered when the PFC is switched on again. The upper
clamp voltage ensures that the PFC can return to its normal regulation point in a limited
amount of time when returning from low power mode.
As soon as the flyback converter leaves the frequency reduction mode, the power factor
correction circuit restores normal operation. To prevent continuous switching on and off of
the PFC circuit, a small hysteresis is build in, (60 mV (typical) on the FBCTRL pin).
7.2.7 Dual boost PFC
The PFC output voltage is modulated by the mains input voltage. The mains input voltage
is measured via the VINSENSE pin. The current is sourced from the VOSENSE pin if the
voltage on the VINSENSE pin drops below 2.2 V (typical). To ensure the stability of the
switch-over 200 mV is inserted around the 2.2 V, see Figure 6.
For low VINSENSE input voltages, the output current is 15
μA (typical). This output
current, in combination with the resistors on the VOSENSE pin, sets the lower PFC output
voltage level at low mains voltages. At high mains input voltages the current is switched to
zero. The PFC output voltage will then be at its maximum. As this current is zero in this
situation, it does not effect the accuracy of the PFC output voltage.
For proper switch-off behavior, the VOSENSE current is switched to its maximum value,
(15
μA (typical)), as soon as the voltage on pin VOSENSE drops below 2.1 V (typical).
Fig 5.
Soft start-up of PFC
SOFT START
CONTROL
OCP
11
PFCSENSE
0.5 V
Istartup(soft)PFC ≤ 60 μA
S1
RSS1
CSS1
RSENSE1
014aaa157


Similar Part No. - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
More results

Similar Description - TEA1751LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com