Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5781FS-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5781FS-00A1E
Description  AMD M690E COM-Express CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5781FS-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5781FS-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5781FS-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
SOM-5781
NEW
AMD Turion/Sempron processor
AMD M690E/SB600 chipsets
Supports dual DDR2 SODIMM up to 4 GB
Mobile AMD X1250 3D/2D engine
Display type: 2 x 24-bit LVDS/ VGA/ HDMI/ DVO/ PCIe x8
Realtek 10/100/1000 Mbps LAN
Expansion: 4 PCIe x1, 4 PCI master, LPC
8 x USB 2.0, 4 SATAII, 1 EIDE, 8-bit GPIO
AMD M690E COM-Express
CPU Module
DDR2 SoDIMM Socket
AMD Turion/
Sempron CPU,
Socket S1g1
220-pin connector
(PCIe x 16/PCI/IDE)
220-pin connector
(PCIe/VGA/AC97/
LPC/USB/LAN)
Specifications
Form Factor
COM-Express, Module Pin-out Type II
Processor System
CPU
AMD Turion/Sempron processor
Front Side Bus
800 MHz
System Chipset
AMD M690E/SB600
BIOS
AWARD 4 Mbit Flash BIOS
Memory
Technology
DDR2 533/667/800 MHz
Max. Capacity
up to 4 GB
Socket
2 x 200-pin SODIMM sockets
Display
Chipset
AMD M690E
VRAM
Supports up to 256 MB (optional 128 MB side port)
Graphics Engine
Mobile AMD X1250 3D/2D engine
LCD
2 x 24-bit LVDS
VGA
up to 2048 x 1536
DVO
1
Dual Display
CRT + LCD, LCD + DVI, CRT + DVI
Ethernet
Chipset
Realtek 8110SC Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
256 timer intervals, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset
Expansion
LPC, PCIe x8, 4 PCIe x1, 4 PCI master
I/O
PATA
1 x EIDE (UDMA 100)
SATA
4 x SATAII
USB
8 x USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Power Consumption
(Typical)
Typical: (1 GB DDR2 667)
+12 V @ 1.23 A (AMD Turion TL-62)
+12 V @ 0.91 A (AMD Sempron 2100+)
Power Consumption
(Max, test in HCT)
Max: (1 GB DDR2 667)
+12 V @ 2.88 A (AMD Turion TL-62)
+12 V @ 1.29 A (AMD Sempron 2100+)
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")


Similar Part No. - SOM-5781FS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5781FS-00A1E ADVANTECH-SOM-5781FS-00A1E Datasheet
1Mb / 3P
   AMD Turion??M690E COM-Express Basic Module
More results

Similar Description - SOM-5781FS-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5781 ADVANTECH-SOM-5781_11 Datasheet
1Mb / 3P
   AMD Turion??M690E COM-Express Basic Module
logo
AAEON Technology
COM-U15 AAEON-COM-U15_15 Datasheet
294Kb / 2P
   COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
   COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
   COM Express Type 2 CPU Module
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
   COM Express Type 2 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
   COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
COM-U15 AAEON-COM-U15 Datasheet
294Kb / 2P
   COM Express Type 2 CPU Module
COM-LN AAEON-COM-LN_15 Datasheet
218Kb / 2P
   COM Express Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com