Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-7562F2-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-7562F2-S6A1E
Description  Intel짰 Atom N450 COM-Ultra CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7562F2-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-7562F2-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7562F2-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All product specifications are subject to change without notice
Last updated : 20-Jan-2010
Computer On Modules
Board Diagram
SOM-7562
CRT
18- bit LVDS
PCIe 1x6
USB 2.0 x 8
3 SATAII
HD Audio interface
LPC Bus
Watchdog Timer/ GPIO
I2C
Ethenet
GLCI (port6)
LCI
Giga LAN
82567V
667MHz
PATA
SM Bus
Intel Atom N450
BGA 559 pin
22 x 22mm
ICH8M
BGA 676 pin
31 x 31mm
ADI (H/W monitor)
AD7999-1
1 GB/2 GB NAND
Flash on board
SPI
BIOS
512 MB DDR2
onboard memory
LM96163CISD
(CPU Temp)
Fintek
F75111
I2C
Ordering Information
Part No.
CPU
L2
Cache Chipset
Onboard
Memory
Onboard
Flash
LVDS VGA Giga
LAN
HD
Audio
PCIe
x 4
PCIe
x 1
USB
2.0
SATA LPC SMBUS
Wide
range
Power
ATX
Power
AT
Power
Thermal
Solution
Operation
Temp.
SOM-7562F1-S6A1E
Intel Atom
N450
512K L2
Intel
Pineview
512 MB 1 GB
18-bit V
1
V
Option 5
8
3 x
SATAII
1
1
+5V~+14V V
V
Passive
0 ~ 60 °C
SOM-7562F2-S6A1E
Intel Atom
N450
512K L2
Intel
Pineview
512 MB 2 GB
18-bit V
1
V
Option 5
8
3 x
SATAII
1
1
+5V~+14V V
V
Passive
0 ~ 60 °C
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for COM-Express with GLAN
Packing List
Part No.
Description
Quantity
SOM-7562 CPU Module
1
Utility CD
1
Heatspreader
1


Similar Part No. - SOM-7562F2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7562F2-S6A1E ADVANTECH-SOM-7562F2-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-7562F2-S6A1E ADVANTECH-SOM-7562F2-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
More results

Similar Description - SOM-7562F2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
SOM-7562 ADVANTECH-SOM-7562_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-7562 ADVANTECH-SOM-7562_11 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763 ADVANTECH-SOM-6763_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com