Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-4100BG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-4100BG
Description  3.3V / 850 nm / 8.5 Gbps SFP LC Multi-Mode TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-4100BG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-4100BG Datasheet HTML 1Page - Optoway Technology Inc SPM-4100BG Datasheet HTML 2Page - Optoway Technology Inc SPM-4100BG Datasheet HTML 3Page - Optoway Technology Inc SPM-4100BG Datasheet HTML 4Page - Optoway Technology Inc SPM-4100BG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-4100G
*********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2008 V3.0
1
SPM-4100G / SPM-4100BG / SPM-4100AG
(RoHS Compliant)
3.3V / 850 nm / 8.5 Gbps SFP+ LC Multi-Mode TRANSCEIVER
********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gb/s Bi-directional Data Link
l Complaint to SFP+ MSA
l Compliant with 8G FC 800-M5/M6/M5E-LC-I
l Compliant with 4G, 2G Fibre Channel
l Link Distance at 8.5 Gbd
150 m links with OM3 MMF Cables
50 m links with OM2 MMF Cables
21 m links with OM1 MMF Cables
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operation: SPM-4100G
l -10 to 85oC Operation: SPM-4100BG
l -40 to 85oC Operation: SPM-4100AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Multi-rate 8x/4x/2x Fiber Channel
DESCRIPTION
The SPM-4100G series multi-mode transceivers is SFP+
module
for
bi-directional
serial
optical
data
communications such as 8x/4x/2x/1x Fibre Channel. It is
with the SFP+ 20-pin connector to allow hot plug capability.
This module is designed for multi-mode fiber and operates
at a nominal wavelength of 850 nm. The transmitter section
uses a Vertical Cavity Surface Emitted Laser (VCSEL)
and is a Class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated GaAs detector preamplifier (IDP) mounted in an
optical header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPM-4100G
8 / 4 / 2
FC-PI-4
150 / 50 / 21*
850 VCSEL
LC SFP+
0 to 70
Yes
SPM-4100BG
8 / 4 / 2
FC-PI-4
150 / 50 / 21*
850 VCSEL
LC SFP+
-10 to 85
Yes
SPM-4100AG
8 / 4 / 2
FC-PI-4
150 / 50 / 21*
850 VCSEL
LC SFP+
-40 to 85
Yes
*: 150m for OM3 MMF, 50m for OM2 MMF, and 21 m for OM1 MMF. All tested at 8.5Gb/s.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPM-4100G
SPM-4100BG
SPM-4100AG
Operating Relative Humidity
RH
5
95
%
Non condensing
Power Supply Voltage
Vcc
0
4
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.14
3.3
3.46
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPM-4100G
oC / SPM-4100BG
oC / SPM-4100AG
Power Supply Current
ICC (TX+RX)
135
180
mA
Data Rate
1
8.5
Gb/s


Similar Part No. - SPM-4100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-4100BRWG OPTOWAY-SPM-4100BRWG Datasheet
169Kb / 5P
   6.144 Gbps / 850 nm Digital Diagnostic Multi-Rate CPRI MMSFP
SPM-4100BWG OPTOWAY-SPM-4100BWG Datasheet
169Kb / 5P
   3.3V / 850 nm / 8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results

Similar Description - SPM-4100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-4100WG OPTOWAY-SPM-4100WG Datasheet
169Kb / 5P
   3.3V / 850 nm / 8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100G OPTOWAY-SPM-9100G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 2.5 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-8100G OPTOWAY-SPM-8100G Datasheet
144Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-9100FG OPTOWAY-SPM-9100FG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPS-4102G OPTOWAY-SPS-4102G Datasheet
171Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com