Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRG
Description  6.2mm Diameter Round Terminal (Radial Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
250
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
294
293
295
292
3.9
1.5
290
3.5
3.55
1.25
289
SKSC
SKRE
Low–profile
Horizontal type
Sharp Feeling Type
V6.2
4.3
□6.6
5
7.3
6.85
7.1
V9
13
4.5
3.3
6.45
6.4
4
7.35
7.5
5
□10
7.1
See the relevant pages for
respective product
descriptions
Surface mount
Radial
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
Horizontal
type
SKRT
4–direction switch
+push
switch
SKRV
SKRH
Round
terminal type
SKQU
SKRG
SKQK
SKQN
SKRC
Round terminal
Horizontal type
Water–proof
Vertical
Horizontal
Series
Operating
temperature
range
ー20℃ to +70℃ SKRV/QK
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
SKSC/RE/RV/RH : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
291
481
482
480
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKRG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRGAAD010 ALPS-SKRGAAD010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRGABD010 ALPS-SKRGABD010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRGACD010 ALPS-SKRGACD010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRGADD010 ALPS-SKRGADD010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRGAED010 ALPS-SKRGAED010 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
More results

Similar Description - SKRG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRG ALPS-SKRG_15 Datasheet
760Kb / 4P
   6.2mm Diameter Round Terminal (Radial Type)
SKRC ALPS-SKRC Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRC ALPS-SKRC_15 Datasheet
680Kb / 4P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKPL ALPS-SKPL Datasheet
186Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKRA ALPS-SKRA Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
logo
Marktech Corporate
MT5385-UV MARKTECH-MT5385-UV Datasheet
471Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
MT5400-UV MARKTECH-MT5400-UV Datasheet
447Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
logo
Cornell Dubilier Electr...
418P CDE-418P Datasheet
294Kb / 8P
   Radial-lead. Round profile.
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA_15 Datasheet
855Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com